Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3086AMTR Datasheet (PDF) - International Rectifier

IR3086AMTR Datasheet PDF - International Rectifier
Part # IR3086AMTR
Download  IR3086AMTR Download
File Size   1168.68 Kbytes
Page   33 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description XPHASETM PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT

IR3086AMTR Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3086AMTR Datasheet PDF - International Rectifier

Part # IR3086AMTR
Download  IR3086AMTR Click to download

File Size   1168.68 Kbytes
Page   33 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description XPHASETM PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT

IR3086AMTR Datasheet (HTML) - International Rectifier


IR3086AMTR Product details

DESCRIPTION
The IR3086A Phase IC combined with an IR XPhaseTM Control IC provides a full featured and flexible way to implement power solutions for the latest high performance CPUs and ASICs. The “Control” IC provides overall system control and interfaces with any number of “Phase” ICs which each drive and monitor a single phase of a multiphase converter. The XPhaseTM architecture results in a power supply that is smaller, less expensive, and easier to design while providing higher efficiency than conventional approaches.

FEATURES
• 2.5A Average Gate Drive Current
• Loss-Less Inductor Current Sense
• Internal Inductor DCR Temperature Compensation
• Programmable Phase Delay
• Programmable Feed-Forward Voltage Mode PWM Ramp
• Sub 100ns Minimum Pulse Width supports 1MHz per-phase operation
• Current Sense Amplifier drives a single wire Average Current Share Bus
• Current Share Amplifier reduces PWM Ramp slope to ensure sharing between phases
• Body BrakingTM disables Synchronous MOSFET for improved transient response and prevents negative output voltage at converter turn-off
• OVP comparator with 150ns response
• Phase Fault Detection
• Programmable Phase Over-Temperature Detection
• Small thermally enhanced 20L MLPQ package




Similar Part No. - IR3086AMTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3086AMTRPBF IRF-IR3086AMTRPBF Datasheet
541Kb / 33P
XPHASE PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
More results


Similar Description - IR3086AMTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3080 IRF-IR3080 Datasheet
2Mb / 41P
XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3088A IRF-IR3088A Datasheet
1Mb / 34P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3086 IRF-IR3086 Datasheet
417Kb / 15P
PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3088 IRF-IR3088 Datasheet
1Mb / 34P
XPHASE PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3087 IRF-IR3087 Datasheet
1Mb / 35P
XPHASE PHASE IC WITH OPTI-PHASE, OVP, AND OVERTEMP DETECT
IR3080PBF IRF-IR3080PBF Datasheet
1Mb / 41P
XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3087PBF IRF-IR3087PBF Datasheet
1Mb / 35P
XPHASETM PHASE IC WITH OPTI-PHASETM, OVP, AND OVERTEMP DETECT
IR3086APBF IRF-IR3086APBF Datasheet
541Kb / 33P
XPHASE PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3088APBF IRF-IR3088APBF Datasheet
558Kb / 34P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088A IRF-IR3088A_05 Datasheet
1Mb / 33P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com