Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8646 Datasheet (PDF) - Maxim Integrated Products

MAX8646 Datasheet PDF - Maxim Integrated Products
Part # MAX8646
Download  MAX8646 Download
File Size   363.11 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 6A, 2MHz Step-Down Regulator with Integrated Switches

MAX8646 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8646 Datasheet PDF - Maxim Integrated Products

Part # MAX8646
Download  MAX8646 Click to download

File Size   363.11 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 6A, 2MHz Step-Down Regulator with Integrated Switches

MAX8646 Datasheet (HTML) - Maxim Integrated Products


MAX8646 Product details

General Description
The MAX8646 high-efficiency switching regulator delivers up to 6A load current at output voltages from 0.6V to 0.9 x VIN. The IC operates from 2.35V to 3.6V, making it ideal for on-board point-of-load and postregulation applications. Total output error is less than ±1% over load, line, and temperature ranges.
The MAX8646 features fixed-frequency PWM mode operation with a switching frequency range of 500kHz to 2MHz set by an external resistor. High-frequency operation allows for an all-ceramic capacitor design. The high operating frequency also allows for small-size external components.
The low-resistance on-chip nMOS switches ensure high efficiency at heavy loads while minimizing critical inductances, making the layout a much simpler task with respect to discrete solutions. Following a simple layout and footprint ensures first-pass success in new designs. The MAX8646 comes with a high bandwidth (> 14MHz) voltage-error amplifier. The voltage-mode control architecture and the voltage-error amplifier permit a type III compensation scheme to be utilized to achieve maximum loop bandwidth, up to 20% of the switching frequency. High loop bandwidth provides fast transient response, resulting in less required output capacitance and allowing for all-ceramic-capacitor designs.
The MAX8646 provides two tri-state logic inputs to select one of nine preset output voltages. The preset output voltages allow customers to achieve ±1% output-voltage accuracy without using expensive 0.1% resistors. In addition, the output voltage can be set to any customer value by either using two external resistors at the feedback with 0.6V internal reference or applying an external reference voltage to the REFIN input. The MAX8646 offers programmable soft-start time using one capacitor to reduce input inrush current. The MAX8646 is available in a lead-free, 24-pin, 4mm x 4mm, thin QFN package.


Features
♦ Internal 23mΩ RDS(ON) MOSFETs
♦ Continuous 6A Output Current
♦ ±1% Output Accuracy over Load, Line, and Temperature
♦ Operates from 2.35V to 3.6V Supply
♦ Adjustable Output from 0.6V to (0.9 x VIN)
♦ Soft-Start Reduces Inrush Supply Current
♦ 500kHz to 2MHz Adjustable Switching Frequency
♦ Compatible with Ceramic, Polymer, and
   Electrolytic Output Capacitors
♦ VID-Selectable Output Voltages
   0.6V, 0.7V, 0.8V, 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, and 2.5V
♦ Fully Protected Against Overcurrent and Overtemperature
♦ Safe-Start into Prebiased Output
♦ Sink/Source Current in DDR Applications
♦ Lead-Free, 24-Pin, 4mm x 4mm Thin QFN Package

Applications
   POLs
   ASIC/CPU/DSP Core and I/O Voltages
   DDR Power Supplies
   Base-Station Power Supplies
   Telecom and Networking Power Supplies
   RAID Control Power Supplies




Similar Part No. - MAX8646

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
MAX8640Y MAXIM-MAX8640Y Datasheet
310Kb / 11P
Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 7/07
MAX8640Y MAXIM-MAX8640Y Datasheet
458Kb / 12P
Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 4; 2/09
MAX8640Y MAXIM-MAX8640Y Datasheet
308Kb / 11P
Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 10/07
MAX8640Y MAXIM-MAX8640Y Datasheet
548Kb / 13P
Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
2014
More results


Similar Description - MAX8646

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX15038 MAXIM-MAX15038 Datasheet
357Kb / 18P
4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX15039 MAXIM-MAX15039 Datasheet
441Kb / 18P
6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
MAX15038 MAXIM-MAX15038_09 Datasheet
365Kb / 19P
4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX15039 MAXIM-MAX15039_09 Datasheet
369Kb / 19P
6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX15038 MAXIM-MAX15038_V01 Datasheet
455Kb / 19P
4A, 2MHz Step-Down Regulator with Integrated Switches
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com