Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1528 Datasheet (PDF) - ams AG

AS1528 Datasheet PDF - ams AG
Part # AS1528
Download  AS1528 Download
File Size   544.23 Kbytes
Page   21 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential

AS1528 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1528 Datasheet PDF - ams AG

Part # AS1528
Download  AS1528 Click to download

File Size   544.23 Kbytes
Page   21 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential

AS1528 Datasheet (HTML) - ams AG


AS1528 Product details

General Description

The AS1528/AS1529 are low-power, 10-bit analog-to digital converters (ADCs) designed to operate with a single +2.7 to +5.25V supply. Excellent dynamic performance, low power consumption, and simplicity make these devices perfect for portable battery-powered data acquisition applications.



Key Features

Single-Supply Operation: +2.7 to +5.25V

Automatic Shutdown Between Conversions

Low Power Consumption

- 350µA @ 150ksps

- 245µA @ 100ksps

-24µA @ 10ksps

- 2.5µA @ 1ksps

- 200nA in Automatic Shutdown Mode

True-Differential Track/Hold, 150kHz Sampling Rate Software-Configurable Unipolar/Bipolar Conversion(AS1528)

Input Common Mode Range from GND to VDD

3-Wire SPI-/QSPI-/MICROWIRE-Compatible Serial Interface

Internal Conversion Clock

8-pin TDFN (3x3mm) Package



Applications

The devices are ideal for remote sensors, data-acquisiion, data logging devices, lab instruments, or for any other space-limited A/D devices with low power consumption and single-supply requirements.




Similar Part No. - AS1528

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1528 AMSCO-AS1528 Datasheet
621Kb / 21P
Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
AS1528-BTDR AMSCO-AS1528-BTDR Datasheet
621Kb / 21P
Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
AS1528-BTDT AMSCO-AS1528-BTDT Datasheet
621Kb / 21P
Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
AS1528 AMSCO-AS1528_1 Datasheet
621Kb / 21P
Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
More results


Similar Description - AS1528

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1086 MAXIM-MAX1086 Datasheet
334Kb / 15P
150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-1686; Rev 0; 5/00
logo
ams AG
AS1524 AMSCO-AS1524 Datasheet
68Kb / 2P
Micro-Power, 12-Bit, 150ksps, ADC, Single Ended or Differential
logo
Maxim Integrated Produc...
MAX1086 MAXIM-MAX1086_07 Datasheet
458Kb / 17P
150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Rev 1; 8/07
logo
ams AG
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
AS1528 AMSCO-AS1528_1 Datasheet
621Kb / 21P
Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
logo
Maxim Integrated Produc...
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
Texas Instruments
ADC141S628-Q1 TI1-ADC141S628-Q1 Datasheet
992Kb / 29P
14-Bit, 200-kSPS, Pseudo-Differential, Micro-Power ADC
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
Differential or Single-Ended Input
Rev 0; 8/09
MAX1086 MAXIM-MAX1086_V01 Datasheet
267Kb / 15P
150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
2010
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com