Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

26569 Datasheet (PDF) - Belden Inc.

26569 Datasheet PDF - Belden Inc.
Part # 26569
Download  26569 Download
File Size   570.42 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description PROFIBUS Data Double-Ended Cordset: Male straight B-coded black M12

26569 Datasheet (PDF)

Go To PDF Page Download Datasheet
26569 Datasheet PDF - Belden Inc.

Part # 26569
Download  26569 Click to download

File Size   570.42 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description PROFIBUS Data Double-Ended Cordset: Male straight B-coded black M12

26569 Datasheet (HTML) - Belden Inc.


26569 Product details

Product Description
PROFIBUS Data Double-Ended Cordset: Male straight B-coded black M12 Standard to female straight B-coded black M12 Standard, shielded, 50 V AC / 60 V
DC, 4 A; PUR violet cable, 2-wires, 0.34 mm²




Similar Part No. - 26569

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
26560 ETC2-26560 Datasheet
256Kb / 1P
Wiha Nut Driver Precision Series
logo
Weidmuller
2656270000 WEIDMULLER-2656270000 Datasheet
139Kb / 2P
Residual current transformer (RCM), Primary current: 18 A
November 4, 2021
logo
List of Unclassifed Man...
26563 ETC2-26563 Datasheet
256Kb / 1P
Wiha Nut Driver Precision Series
logo
Weidmuller
2656670000 WEIDMULLER-2656670000 Datasheet
518Kb / 4P
TGD ELM-4 CL2
More results


Similar Description - 26569

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200020218 MOLEX-1200020218 Datasheet
28Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male
1201080027 MOLEX-1201080027_V01 Datasheet
29Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201080039 MOLEX-1201080039_V01 Datasheet
29Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201080188 MOLEX-1201080188 Datasheet
44Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201080236 MOLEX-1201080236 Datasheet
46Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201088182 MOLEX-1201088182 Datasheet
23Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201088304 MOLEX-1201088304 Datasheet
46Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201088305 MOLEX-1201088305 Datasheet
46Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201088308 MOLEX-1201088308 Datasheet
46Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201088311 MOLEX-1201088311 Datasheet
46Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com