Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2038 Datasheet (PDF) - Belden Inc.

2038 Datasheet PDF - Belden Inc.
Part # 2038
Download  2038 Download
File Size   528.12 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fast Ethernet Cat5e Data Double-Ended Cordset: Male straight D-coded

2038 Datasheet (PDF)

Go To PDF Page Download Datasheet
2038 Datasheet PDF - Belden Inc.

Part # 2038
Download  2038 Click to download

File Size   528.12 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fast Ethernet Cat5e Data Double-Ended Cordset: Male straight D-coded

2038 Datasheet (HTML) - Belden Inc.


2038 Product details

Product Description
Fast Ethernet Cat5e Data Double-Ended Cordset: Male straight D-coded black M12 Standard to female straight D-coded black M12 Standard, shielded, 50 V
AC / 60 V DC, 4 A; TPE green cable, 4-wires, 0.38 mm²




Similar Part No. - 2038

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2038 ETC2-2038 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
XFMRS Inc.
2038 XFMRS-2038 Datasheet
23Kb / 1P
FIBER TO TOKEN RING
logo
Heyco.
2038 HEYCO-2038 Datasheet
133Kb / 1P
Snap Bushings
logo
Keystone Electronics Co...
2038 KEYSTONE-2038 Datasheet
316Kb / 1P
INSTRUMENTATION CASES & KNOBS
31-07 20th
logo
Bourns Electronic Solut...
2038-110-SM BOURNS-2038-110-SM Datasheet
330Kb / 3P
2038 Series Miniature Symmetrical 3-Electrode Surface Mount Gas Discharge Tube
More results


Similar Description - 2038

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1201080039 MOLEX11-1201080039 Datasheet
157Kb / 2P
Micro-Change짰 Double-Ended Cordset, Straight, Male to Male
1201080027 MOLEX11-1201080027 Datasheet
157Kb / 2P
Micro-Change Double-Ended Cordset, Straight, Male to Male, 4 Poles, 3.0m (9.84 ) Length, D-Coded Keyway
1201080027 MOLEX-1201080027_V01 Datasheet
29Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201080039 MOLEX-1201080039_V01 Datasheet
29Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201080188 MOLEX-1201080188 Datasheet
44Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201080236 MOLEX-1201080236 Datasheet
46Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201080267 MOLEX-1201080267 Datasheet
24Kb / 1P
Industrial Ethernet Double-Ended RJ-45 Cordset, Male (Straight) to Male
1201088182 MOLEX-1201088182 Datasheet
23Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201088304 MOLEX-1201088304 Datasheet
46Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201088311 MOLEX-1201088311 Datasheet
46Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com