Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34063CD Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

MC34063CD Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # MC34063CD
Download  MC34063CD Download
File Size   160.25 Kbytes
Page   9 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 0.8A Step Down / Step Up / Inverting DC-DC Converter

MC34063CD Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34063CD Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # MC34063CD
Download  MC34063CD Click to download

File Size   160.25 Kbytes
Page   9 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 0.8A Step Down / Step Up / Inverting DC-DC Converter

MC34063CD Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


MC34063CD Product details

DESCRIPTION

The MC34063C is a monolithic switching regulator control circuit containing the primary funtion

required for DC-DC converters.



FEATURES

●OPERATING FROM 3V TO 40V

●Low Standby Current

●Current Limitting

●Output Switch Current to 0.8A

●Output Valtage Adjustable

●Operation Frequency up to 180KHz (CT=100pF)

●Precision 2% Reference




Similar Part No. - MC34063CD

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
MC34063CD HTC-MC34063CD Datasheet
306Kb / 9P
0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
First Components Intern...
MC34063CD FCI-MC34063CD Datasheet
276Kb / 5P
DC to DC converted Controller
logo
HTC Korea TAEJIN Techno...
MC34063CD HTC-MC34063CD Datasheet
436Kb / 10P
Step Down / Step Up / Inverting DC-DC Converter
More results


Similar Description - MC34063CD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
BCD Semiconductor Manuf...
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
0.8A Step Down / Step Up / Inverting DC-DC Converter
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com