Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJDLC05 Datasheet (PDF) - Pan Jit International Inc.

PJDLC05 Datasheet PDF - Pan Jit International Inc.
Part # PJDLC05
Download  PJDLC05 Download
File Size   71.24 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description ULTRA LOW CAPACITANCE SINGLE TRANSIENT OVERVOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES

PJDLC05 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJDLC05 Datasheet PDF - Pan Jit International Inc.

Part # PJDLC05
Download  PJDLC05 Click to download

File Size   71.24 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description ULTRA LOW CAPACITANCE SINGLE TRANSIENT OVERVOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES

PJDLC05 Datasheet (HTML) - Pan Jit International Inc.


PJDLC05 Product details

ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES

VOLTAGE POWER 3.3 to 24 Volts 400 Watts



This transient overvoltage suppressor is intended to prodect sensitive equipment againset electrostatic discharge events as well to offer a minmum lnsertion loss in data transmission lines in communications ports used in portable consumer, computing and networking applicatons. This dual transient voltage suppressor comes in a single SOT-23, offering borard space reduction, where the application requires it.



FEATURES

• Maximum capacitance @ 0 Vdc Bias of 1.2 pF between terminals 1-3 or terminals 2-3

• IEC61000-4-2 esd 15kV Air, 8kV contact compliance

• In compliance with EU RoHS 2002/95/EC directives




Similar Part No. - PJDLC05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLC05 PANJIT-PJDLC05 Datasheet
934Kb / 4P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
PJDLC05 PANJIT-PJDLC05 Datasheet
111Kb / 4P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
PJDLC05 SHUNYE-PJDLC05 Datasheet
2Mb / 3P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
logo
Pan Jit International I...
PJDLC05C-02 PANJIT-PJDLC05C-02 Datasheet
82Kb / 3P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-02 PANJIT-PJDLC05C-02_15 Datasheet
74Kb / 5P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
More results


Similar Description - PJDLC05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSLC05 PANJIT-PJSLC05 Datasheet
542Kb / 3P
ULTRA LOW CAPACITANCE SINGLE TRANSIENT OVERVOLTAGE SUPPRESSOR
PJDLC24 PANJIT-PJDLC24 Datasheet
934Kb / 4P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
PJGL05 PANJIT-PJGL05 Datasheet
79Kb / 4P
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJSLC05 PANJIT-PJSLC05_06 Datasheet
86Kb / 4P
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJSLC054 PANJIT-PJSLC054 Datasheet
114Kb / 4P
LOW CAPACITANCE SINGLE TVS 350W FOR HIGH SPEED DATA LINES
logo
ON Semiconductor
NUP4114HMR6 ONSEMI-NUP4114HMR6 Datasheet
198Kb / 9P
Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data Lines
January, 2010 ??Rev. 3
logo
Pan Jit International I...
PJGL05 PANJIT-PJGL05_09 Datasheet
139Kb / 4P
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJSLC05 PANJIT-PJSLC05_09 Datasheet
333Kb / 5P
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJSLC05C-02 PANJIT-PJSLC05C-02 Datasheet
112Kb / 3P
LOW CAPACITANCE SINGLE TVS 200W FOR HIGH SPEED DATA LINES
logo
ON Semiconductor
ESD8118 ONSEMI-ESD8118 Datasheet
227Kb / 10P
Low Capacitance Array for High Speed Data Lines
May, 2015 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com