Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25B32 Datasheet (PDF) - Eon Silicon Solution Inc.

EN25B32 Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25B32
Download  EN25B32 Download
File Size   479.0 Kbytes
Page   38 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 32 Mbit Serial Flash Memory with Boot and Parameter Sectors

EN25B32 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25B32 Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25B32
Download  EN25B32 Click to download

File Size   479.0 Kbytes
Page   38 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 32 Mbit Serial Flash Memory with Boot and Parameter Sectors

EN25B32 Datasheet (HTML) - Eon Silicon Solution Inc.


EN25B32 Product details

GENERAL DESCRIPTION
The EN25B32 is a 32M-bit (4096K-byte) Serial Flash memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.

FEATURES
• Single power supply operation
    - Full voltage range: 2.7-3.6 volt
• 32 M-bit Serial Flash
    - 32 M-bit/4096 K-byte/16384 pages
    - 256 bytes per programmable page
• High performance
    - 100MHz clock rate
• Low power consumption
    - 5 mA typical active current
    - 1 μA typical power down current
• Flexible Sector Architecture:
    - Two 4-Kbyte, one 8-Kbyte, one 16-Kbyte,one 32-Kbyte, and sixty three 64-Kbyte sectors
• Software and Hardware Write Protection:
    - Write Protect all or portion of memory via software
    - Enable/Disable protection with WP# pin
• High performance program/erase speed
    - Byte program time: 7µs typical
    - Page program time: 1.5ms typical
    - Sector erase time: 300 to 800ms typical
    - Chip erase time: 25 Seconds typical
• Lockable 512byte OTP security sector
• Minimum 100K endurance cycle
• Package Options
    - 16 pins SOP 300mil body width
    - 8 pins SOP 200mil body width
    - 8 contact VDFN
    - 8 pins PDIP
    - All Pb-free packages are RoHS compliant
• Commercial and industrial temperature Range




Similar Part No. - EN25B32

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B05 EON-EN25B05 Datasheet
386Kb / 30P
512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GC EON-EN25B05-50GC Datasheet
386Kb / 30P
512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GCP EON-EN25B05-50GCP Datasheet
386Kb / 30P
512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GI EON-EN25B05-50GI Datasheet
386Kb / 30P
512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GIP EON-EN25B05-50GIP Datasheet
386Kb / 30P
512 Kbit Serial Flash Memory with Boot and Parameter Sectors
More results


Similar Description - EN25B32

ManufacturerPart #DatasheetDescription
logo
Winbond
W25B40 WINBOND-W25B40 Datasheet
1Mb / 36P
4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B40 EON-EN25B40 Datasheet
462Kb / 36P
4 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05 EON-EN25B05 Datasheet
386Kb / 30P
512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B10 EON-EN25B10 Datasheet
391Kb / 31P
1 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B16 EON-EN25B16 Datasheet
459Kb / 36P
16 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B20 EON-EN25B20 Datasheet
397Kb / 32P
2 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B80 EON-EN25B80 Datasheet
452Kb / 33P
8 Mbit Serial Flash Memory with Boot and Parameter Sectors
logo
Numonyx B.V
M29W320ET NUMONYX-M29W320ET Datasheet
1Mb / 63P
32 Mbit (4Mbx8 or 2Mbx16, Uniform Parameter Blocks, Boot Block) 3V supply Flash memory
logo
Eon Silicon Solution In...
EN25B64 EON-EN25B64 Datasheet
420Kb / 37P
64 Megabit Serial Flash Memory with Boot and Parameter Sectors
logo
Winbond
W25B40AVSNIG-TR WINBOND-W25B40AVSNIG-TR Datasheet
1Mb / 36P
4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com