Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1030004 Datasheet (PDF) - PHOENIX CONTACT

1030004 Datasheet PDF - PHOENIX CONTACT
Part # 1030004
Download  1030004 Download
File Size   224.43 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTP-3/4SL - Test plug

1030004 Datasheet (PDF)

Go To PDF Page Download Datasheet
1030004 Datasheet PDF - PHOENIX CONTACT

Part # 1030004
Download  1030004 Click to download

File Size   224.43 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTP-3/4SL - Test plug

1030004 Datasheet (HTML) - PHOENIX CONTACT


1030004 Product details

Test plug, nom. voltage: 400 V, nominal current: 20 A, number of positions: 4, connection
method: Cable lug connection, Rated cross section: 2.5 mm2, color: gray




Similar Part No. - 1030004

ManufacturerPart #DatasheetDescription
logo
CABLECRAFT A PART OF SH...
10300000Y BETADUCT-10300000Y Datasheet
655Kb / 4P
Betaduct PVC Solid Wall Cable Trunking
logo
PHOENIX CONTACT
1030001 PHOENIX-1030001 Datasheet
212Kb / 5P
FTP-3/3SL GN - Test plug
1030003 PHOENIX-1030003 Datasheet
223Kb / 6P
FTP-3/4SL GN - Test plug
1030005 PHOENIX-1030005 Datasheet
213Kb / 5P
FTP-3/3SL - Test plug
1030006 PHOENIX-1030006 Datasheet
213Kb / 5P
FTP-3/2SL - Test plug
More results


Similar Description - 1030004

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6249 POMONA-6249 Datasheet
28Kb / 1P
Test Clip To Multi-Stacking Banana Plug Test Lead
logo
Weidmuller
0293800000 WEIDMULLER-0293800000 Datasheet
50Kb / 1P
Modular terminal, accessories, Test plug
logo
Rosenberger Hochfrequen...
98W003-000 ROSENBERGER-98W003-000 Datasheet
96Kb / 1P
TEST LASER EV-3
logo
Hubbell Incorporated.
PREMISE_C6AFTPSPY HUBBELL-PREMISE_C6AFTPSPY Datasheet
231Kb / 1P
NEXTSPEED짰Ascent Category 6A FTP
logo
PHOENIX CONTACT
2968522 PHOENIX-2968522 Datasheet
92Kb / 5P
Passive module - UM-4SL/SPT/ADR541/CS
3069468 PHOENIX-3069468 Datasheet
108Kb / 8P
Test plug - FTP-2/4 SERVICE
09/12/2020
3069950 PHOENIX-3069950 Datasheet
170Kb / 14P
Test plug - FTP-3/4S
09/12/2020
3069951 PHOENIX-3069951 Datasheet
170Kb / 14P
Test plug - FTP-3/10S
09/12/2020
3069955 PHOENIX-3069955 Datasheet
179Kb / 14P
Test plug - FTPR-3/10S
09/12/2020
3069957 PHOENIX-3069957 Datasheet
179Kb / 14P
Test plug - FTPR-3/14S
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com