Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1534550 Datasheet (PDF) - PHOENIX CONTACT

1534550 Datasheet PDF - PHOENIX CONTACT
Part # 1534550
Download  1534550 Download
File Size   327.66 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKDSO 1,5/4-L KMGY - PCB terminal block

1534550 Datasheet (PDF)

Go To PDF Page Download Datasheet
1534550 Datasheet PDF - PHOENIX CONTACT

Part # 1534550
Download  1534550 Click to download

File Size   327.66 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKDSO 1,5/4-L KMGY - PCB terminal block

1534550 Datasheet (HTML) - PHOENIX CONTACT


1534550 Product details

Printed circuit board terminal, nominal current: 8 A, rated voltage (III/2): 160 V, nominal cross
section: 1.5 mm2, number of rows: 1, product range: FKDSO 1,5/..-L, connection method: Pushin
spring connection, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
light gray, number of solder pins per potential: 1




Similar Part No. - 1534550

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
153455 FESTO-153455 Datasheet
122Kb / 1P
Non return valve
logo
PHOENIX CONTACT
1534553 PHOENIX-1534553 Datasheet
328Kb / 9P
FKDSO 1,5/4-R KMGY - PCB terminal block
1534556 PHOENIX-1534556 Datasheet
205Kb / 5P
BC 17,8 BS FKDSO KMGY - Filler plug
1534559 PHOENIX-1534559 Datasheet
1Mb / 12P
SACCBP-M12FSB-5CON-M16/1,0-900 - Device connector, rear mounting
More results


Similar Description - 1534550

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1730197 PHOENIX-1730197 Datasheet
59Kb / 5P
PCB terminal block - PT 1,5/ 5-5,0-H KMGY
1730207 PHOENIX-1730207 Datasheet
59Kb / 5P
PCB terminal block - PT 1,5/ 7-5,0-H KMGY
1868788 PHOENIX-1868788 Datasheet
43Kb / 2P
PCB terminal block - ZFK3DSA 1,5-6,08 KMGY
1986848 PHOENIX-1986848 Datasheet
58Kb / 5P
PCB terminal block - SMKDSP 1,5/ 2 KMGY
2200315 PHOENIX-2200315 Datasheet
119Kb / 4P
FKDSO 2,5/ 2-L KMGY
2200318 PHOENIX-2200318 Datasheet
120Kb / 4P
FKDSO 2,5/ 3-L KMGY
2200319 PHOENIX-2200319 Datasheet
131Kb / 7P
PCB terminal block - FKDSO 2,5/ 4-L KMGY
2201128 PHOENIX-2201128 Datasheet
113Kb / 4P
PCB terminal block - FKDSO 2,5 HV/3-L 7,5 GY7035
2854102 PHOENIX-2854102 Datasheet
80Kb / 6P
PCB terminal block - MKDSO 2,5/ 3-L KMGY
2908485 PHOENIX-2908485 Datasheet
82Kb / 5P
PCB terminal block - MKDSO 2.5/4-L KMGY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com