Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT2052 Datasheet (PDF) - Shanghai Natlinear Electronics Co., Ltd.

XT2052 Datasheet PDF - Shanghai Natlinear Electronics Co., Ltd.
Part # XT2052
Download  XT2052 Download
File Size   269.19 Kbytes
Page   8 Pages
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.
Description 1A Compatible With the USB Interface, Linear Battery Management Chip

XT2052 Datasheet (PDF)

Go To PDF Page Download Datasheet
XT2052 Datasheet PDF - Shanghai Natlinear Electronics Co., Ltd.

Part # XT2052
Download  XT2052 Click to download

File Size   269.19 Kbytes
Page   8 Pages
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.
Description 1A Compatible With the USB Interface, Linear Battery Management Chip

XT2052 Datasheet (HTML) - Shanghai Natlinear Electronics Co., Ltd.


XT2052 Product details

General Description
The XT2052 is a constant- current / constant- voltage
charger circuit for single cell lithium-ion batteries. The
device includes an internal power transistor, does not need
external current sense resistor and blocking diode in
applications. XT2052 requires minimal external
components, and meet the USB bus specification, is very
suitable for portable applications in the field.
Thermal modulation circuit can control the internal
chip temperature in a safe range when the device power
dissipation be relatively large or the ambient temperature
be higher.
When the input voltage (AC adapter or USB power
supply) power is lost, XT2052 automatically enters a low
power sleep mode, then the battery current consumption is
less than 0.1μA. Built-in protection circuits against irrigation,
when the battery voltage is higher than the input voltage,
automatically turn off built-in power MOSFET. Other
features include low input voltage latch, automatic
recharge, the battery temperature monitoring, and charge
status / charge status indication functions. XT2052 uses
thermally enhanced 8-pin small outline package ESOP8.

■ Features
Programmable charge current up to 1A
No MOSFET, sense resistor or blocking diode
required
Complete linear charger in small package for single
cell lithium-ion batteries
Constant-current/constant-voltage operation with
thermal regulation to maximize charge rate without
risk of overheating
Charges single cell li-ion batteries directly from USB
port
Preset 4.2V
Monitor output charge current
Automatic recharge
Charge status output pin
1/10 charge current termination
40µA supply current in shutdown
2.9V trickle charge threshold
Soft-Start limits inrush current
Output with protection against anti-irrigation
Available in ESOP8 or customer order form
When you unplug VIN , the IC does not consume
battery power




Similar Part No. - XT2052

ManufacturerPart #DatasheetDescription
logo
Shanghai Natlinear Elec...
XT2051_E NATLINEAR-XT2051_E Datasheet
357Kb / 12P
1.0A Compatible With The USB Interface, Linear Battery Management Chip
July. 17, 2012
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Shanghai Natlinear Elec...
XT2055_E NATLINEAR-XT2055_E Datasheet
256Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
Feb. 29. 2016
XT2059_E NATLINEAR-XT2059_E Datasheet
274Kb / 9P
Programmable voltage and current linear battery management chip
Mar. 19, 2013
More results


Similar Description - XT2052

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD8079 SHOUDING-SD8079 Datasheet
1Mb / 7P
Programmable voltage and current linear battery management chip
logo
Shenzhen Huazhimei Semi...
HM4059 HMSEMI-HM4059 Datasheet
810Kb / 9P
Programmable voltage and current linear battery management chip
HM4054R HMSEMI-HM4054R Datasheet
1Mb / 10P
Monolithic miniature linear battery management chip
HM5159B HMSEMI-HM5159B Datasheet
1Mb / 11P
Monolithic miniature linear battery management chip
HM4056C HMSEMI-HM4056C Datasheet
708Kb / 9P
1.0A Linear battery management chip compatible with USB interface
HM4055 HMSEMI-HM4055 Datasheet
1,005Kb / 10P
Monolithic miniature linear battery management chip with thermal regulation function
HM4054C HMSEMI-HM4054C Datasheet
963Kb / 10P
Monolithic miniature linear battery management chip with thermal regulation function
logo
AiT Semiconductor Inc.
A4051 AITSEMI-A4051 Datasheet
416Kb / 9P
BATTERY MANAGEMENT 1A LINEAR LI-ION BATTERY CHARGER
REV1.5
A4052 AITSEMI-A4052 Datasheet
459Kb / 11P
BATTERY MANAGEMENT 1A IS COMPATIBLE WITH THE USB INTERFACE, LINEAR BATTERY MANAGEMENT CHIP
REV1.0
logo
Guangdong Youtai Semico...
TP4054 UMW-TP4054 Datasheet
668Kb / 11P
Micro Linear Battery Management Chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com