Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68012 Datasheet (PDF) - Belden Inc.

68012 Datasheet PDF - Belden Inc.
Part # 68012
Download  68012 Download
File Size   425.81 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CANopen / DeviceNet Data Single-Ended Cordset

68012 Datasheet (PDF)

Go To PDF Page Download Datasheet
68012 Datasheet PDF - Belden Inc.

Part # 68012
Download  68012 Click to download

File Size   425.81 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CANopen / DeviceNet Data Single-Ended Cordset

68012 Datasheet (HTML) - Belden Inc.


68012 Product details

Product Description
CANopen / DeviceNet Data Single-Ended Cordset: M12 Standard, female, straight, 5-pin, A-coded, black body, 50 V AC / 60 V DC, 4 A; PUR black cable,
4-wires, Data: 2x0.25 mm² + Power: 2x0.34 mm²




Similar Part No. - 68012

ManufacturerPart #DatasheetDescription
logo
KNIPEX
6801200 KNIPEX-6801200 Datasheet
113Kb / 1P
End Cutting Nipper
05.07.2021
6801280 KNIPEX-6801280 Datasheet
111Kb / 1P
End Cutting Nipper
05.07.2021
More results


Similar Description - 68012

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GK473 IVO-GK473 Datasheet
568Kb / 4P
Gateway Fieldbus interface for spindle position displays CANopen, DeviceNet, Profibus-DP
logo
WAGO Kontakttechnik Gmb...
756-1401-060-020 WAGO-756-1401-060-020 Datasheet
201Kb / 4P
CANopen/DeviceNet cable; M12A socket; straight; 5-pole; Length: 2 m
22.11.2021
756-1401-060-050 WAGO-756-1401-060-050 Datasheet
201Kb / 4P
CANopen/DeviceNet cable; M12A socket; straight; 5-pole; Length: 5 m
22.11.2021
756-1402-060-050 WAGO-756-1402-060-050 Datasheet
213Kb / 4P
CANopen/DeviceNet cable; M12A socket; angled; 5-pole; Length: 5 m
22.11.2021
756-1402-060-100 WAGO-756-1402-060-100 Datasheet
213Kb / 4P
CANopen/DeviceNet cable; M12A socket; angled; 5-pole; Length: 10 m
22.11.2021
756-1402-060-200 WAGO-756-1402-060-200 Datasheet
213Kb / 4P
CANopen/DeviceNet cable; M12A socket; angled; 5-pole; Length: 20 m
22.11.2021
logo
Molex Electronics Ltd.
1300240005 MOLEX-1300240005 Datasheet
27Kb / 1P
Mini-Change Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, DeviceNet Stranded Cable, 1.0m (3.28) Length
02/02/2023
1300270037 MOLEX-1300270037 Datasheet
27Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 5 Poles, Male (90°) to Pigtail, DeviceNet Cable, 1.0m (3.28) Length
02/01/2023
1300270040 MOLEX-1300270040 Datasheet
27Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 5 Poles, Male (90°) to Pigtail, DeviceNet Cable, 3.0m (9.84) Length
02/28/2023
1300270041 MOLEX-1300270041 Datasheet
27Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 5 Poles, Male (90°) to Pigtail, DeviceNet Cable, 5.0m (16.40) Length
01/31/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com