Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39659 Datasheet (PDF) - Belden Inc.

39659 Datasheet PDF - Belden Inc.
Part # 39659
Download  39659 Download
File Size   399.85 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description PROFIBUS Data Single-Ended Cordset

39659 Datasheet (PDF)

Go To PDF Page Download Datasheet
39659 Datasheet PDF - Belden Inc.

Part # 39659
Download  39659 Click to download

File Size   399.85 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description PROFIBUS Data Single-Ended Cordset

39659 Datasheet (HTML) - Belden Inc.


39659 Product details

Product Description
PROFIBUS Data Single-Ended Cordset: M12 Standard, male, straight, 5-pin, B-coded, shielded, black body, 50 V AC / 60 V DC, 4 A; PUR violet cable,
2-wires, 0.34 mm²




Similar Part No. - 39659

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
logo
Adafruit Industries
3965 ADAFRUIT-3965 Datasheet
724Kb / 2P
Adafruit MPRLS Ported Pressure Sensor Breakout - 0 to 25 PSI
logo
List of Unclassifed Man...
3965S-1.2 ETC1-3965S-1.2 Datasheet
206Kb / 9P
1.5A Ultra Low Dropout Linear Regulator
3965S-1.8 ETC1-3965S-1.8 Datasheet
206Kb / 9P
1.5A Ultra Low Dropout Linear Regulator
3965S-2.5 ETC1-3965S-2.5 Datasheet
206Kb / 9P
1.5A Ultra Low Dropout Linear Regulator
More results


Similar Description - 39659

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300610046 MOLEX11-1300610046 Datasheet
29Kb / 1P
Mini-Change A-Size Single-Ended Cordset, 3 Poles,
1300610073 MOLEX11-1300610073 Datasheet
28Kb / 1P
Mini-Change A-Size Single-Ended Cordset, 3 Poles
1300610080 MOLEX11-1300610080 Datasheet
29Kb / 1P
Mini-Change A-Size Single-Ended Cordset
1300610150 MOLEX11-1300610150 Datasheet
29Kb / 1P
Mini-Change1 A-Size Single-Ended Cordset, 4 Poles
1300610168 MOLEX11-1300610168 Datasheet
28Kb / 1P
Mini-Change A-Size Single-Ended Cordset, 4 Poles,
1300610218 MOLEX11-1300610218 Datasheet
28Kb / 1P
Mini-Change A-Size Single-Ended Cordset, 3 Poles
1200060241 MOLEX-1200060241 Datasheet
29Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 3 Poles
1200062799 MOLEX-1200062799 Datasheet
29Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 5 Poles
1200271409 MOLEX-1200271409 Datasheet
32Kb / 2P
Nano-Change (M8) Single-Ended Cordset, 3 Poles, Female
1200720188 MOLEX-1200720188 Datasheet
29Kb / 2P
Micro-Change Single-Ended Cordset, 3 Poles, Female
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com