Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12003 Datasheet (PDF) - Belden Inc.

12003 Datasheet PDF - Belden Inc.
Part # 12003
Download  12003 Download
File Size   387.16 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fast Ethernet Cat5e Data Single-Ended Cordset: M12 Standard, male, straight, 4-pin, D-coded, shielded, black body, 50 V AC / 60 V DC, 4 A; PUR green cable, 4-wires, 2x2x0.34 mm²

12003 Datasheet (PDF)

Go To PDF Page Download Datasheet
12003 Datasheet PDF - Belden Inc.

Part # 12003
Download  12003 Click to download

File Size   387.16 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fast Ethernet Cat5e Data Single-Ended Cordset: M12 Standard, male, straight, 4-pin, D-coded, shielded, black body, 50 V AC / 60 V DC, 4 A; PUR green cable, 4-wires, 2x2x0.34 mm²

12003 Datasheet (HTML) - Belden Inc.


12003 Product details

Product Description
Fast Ethernet Cat5e Data Single-Ended Cordset: M12 Standard, male, straight, 4-pin, D-coded, shielded, black body, 50 V AC / 60 V DC, 4 A; PUR green
cable, 4-wires, 2x2x0.34 mm²




Similar Part No. - 12003

ManufacturerPart #DatasheetDescription
logo
CEE Norm UK Ltd
12003 CEENORM-12003 Datasheet
1Mb / 4P
Socket Outlets
logo
PHOENIX CONTACT
1200307 PHOENIX-1200307 Datasheet
240Kb / 7P
AI 4 -12 GY -1000 - Ferrule
1200308 PHOENIX-1200308 Datasheet
240Kb / 7P
AI 4 -10 GY -1000 - Ferrule
1200309 PHOENIX-1200309 Datasheet
240Kb / 7P
AI 2,5 -12 BU -1000 - Ferrule
logo
Molex Electronics Ltd.
120031 MOLEX-120031 Datasheet
23Kb / 1P
Brad Nano-Change (M8) Products
03/29/2019
More results


Similar Description - 12003

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZCR1509041J1 SCHNEIDER-XZCR1509041J1 Datasheet
99Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M8 4-pin - PUR 1m
Dec 7, 2020
XZCR1509041J2 SCHNEIDER-XZCR1509041J2 Datasheet
99Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M8 4-pin - PUR 2m
Dec 7, 2020
XZCR1511041C1 SCHNEIDER-XZCR1511041C1 Datasheet
96Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 1m
Dec 7, 2020
XZCR1511041C2 SCHNEIDER-XZCR1511041C2 Datasheet
96Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 2m
Dec 7, 2020
XZCR1511041C5 SCHNEIDER-XZCR1511041C5 Datasheet
123Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 5m
Dec 7, 2020
XZCR1512041C1 SCHNEIDER-XZCR1512041C1 Datasheet
98Kb / 4P
jumper cable XZ - male straight M12 4-pin - female elbowed M12 4-pin - PUR 1m
Dec 7, 2020
XZCR1512041C2 SCHNEIDER-XZCR1512041C2 Datasheet
97Kb / 4P
jumper cable XZ - male straight M12 4-pin - female elbowed M12 4-pin - PUR 2m
Dec 7, 2020
XZCRB151141C2 SCHNEIDER-XZCRB151141C2 Datasheet
89Kb / 3P
jumper cable -male straight M12 4 pin-female straight M12 4 pin-PUR shielded 2m
Dec 7, 2020
XZCRB151141C5 SCHNEIDER-XZCRB151141C5 Datasheet
88Kb / 3P
jumper cable -male straight M12 4 pin-female straight M12 4 pin-PUR shielded 5m
Dec 7, 2020
logo
Belden Inc.
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com