Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MST53XXB Datasheet (PDF) - Milestone Semiconductor Inc.

MST53XXB Datasheet PDF - Milestone Semiconductor Inc.
Part # MST53XXB
Download  MST53XXB Download
File Size   826.43 Kbytes
Page   10 Pages
Manufacturer  MILESTONE [Milestone Semiconductor Inc.]
Direct Link  https://www.mst-ic.com/en/index.html
Logo MILESTONE - Milestone Semiconductor Inc.
Description 35V, 1.6μA Ultra Low Quiescent Current, 200mA, Low Dropout Voltage Regulator

MST53XXB Datasheet (PDF)

Go To PDF Page Download Datasheet
MST53XXB Datasheet PDF - Milestone Semiconductor Inc.

Part # MST53XXB
Download  MST53XXB Click to download

File Size   826.43 Kbytes
Page   10 Pages
Manufacturer  MILESTONE [Milestone Semiconductor Inc.]
Direct Link  https://www.mst-ic.com/en/index.html
Logo MILESTONE - Milestone Semiconductor Inc.
Description 35V, 1.6μA Ultra Low Quiescent Current, 200mA, Low Dropout Voltage Regulator

MST53XXB Datasheet (HTML) - Milestone Semiconductor Inc.


MST53XXB Product details

Description
The MST53XXB series is a high voltage ,
ultralow-power,low dropout voltage regulator. The
device can deliver 100mA output current with a
dropout voltage of 300mV and allows an input
voltage as high as 35V. The typical quiescent current
is only 1.6µA. The device is available in fixed output
voltages of 1.8, 2.5, 3.0, 3.3, 3.6, 4.0, 4.2 and 5.0V.
The device features integrated short-circuit and
thermal shutdown protection.
Although designed primarily as fixed voltage
regulators, the device can be used with external
components to obtain variable voltages.

Application
Battery-powered equipment
Smoke detector and sensor
Microcontroller Applications
Home Appliance

Features
Low Quiescent Current:1.6μA
High Input Voltage: Up to 35V
High Output Current:≥200mA
Low Dropout Voltage:
30mV@10mA
300mV@100mA
600mV@200mA
Fixed Output Voltages:1.8, 2.5, 3.0, 3.3, 3.6,
4.0,4.2 and 5.0V
High-accuracy Output Voltage
MST 53XXB ±2%
Good Transient Response
Integrated Short-Circuit Protection
Integrated Thermal Protection
Available Packages:




Similar Part No. - MST53XXB

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
MST500M HELLERMANNTYTON-MST500M Datasheet
151Kb / 3P
Cable Ties and Fixings
September 2022
MST500S HELLERMANNTYTON-MST500S Datasheet
151Kb / 3P
Cable Ties and Fixings
September 2022
logo
Fairchild Semiconductor
MST5150C FAIRCHILD-MST5150C Datasheet
283Kb / 7P
0.52 INCH (13.2MM) THREE DIGIT STICK DISPLAY
MST5160C FAIRCHILD-MST5160C Datasheet
283Kb / 7P
0.52 INCH (13.2MM) THREE DIGIT STICK DISPLAY
MST5450C FAIRCHILD-MST5450C Datasheet
283Kb / 7P
0.52 INCH (13.2MM) THREE DIGIT STICK DISPLAY
More results


Similar Description - MST53XXB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_08 Datasheet
622Kb / 27P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_05 Datasheet
590Kb / 21P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX16910 MAXIM-MAX16910_12 Datasheet
1Mb / 15P
200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator
Rev 3; 4/12
logo
ON Semiconductor
NCP4681 ONSEMI-NCP4681 Datasheet
340Kb / 18P
Ultra Low Quiescent Current, Low Dropout Regulator
September, 2013 ??Rev. 3
logo
Shenzhen Huazhimei Semi...
HM53XXB HMSEMI-HM53XXB Datasheet
2Mb / 15P
35V, 1.6關A ultra-low quiescent current, 200mA, low dropout linear regulator
HM53XXAB HMSEMI-HM53XXAB Datasheet
2Mb / 15P
35V, 1.6關A ultra-low quiescent current, 200mA, low dropout linear regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com