Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3904 Datasheet (PDF) - Pan Jit International Inc.

2N3904 Datasheet PDF - Pan Jit International Inc.
Part # 2N3904
Download  2N3904 Download
File Size   211.15 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description NPN GENERAL PURPOSE SWITCHING TRANSISTOR

2N3904 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N3904 Datasheet PDF - Pan Jit International Inc.

Part # 2N3904
Download  2N3904 Click to download

File Size   211.15 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description NPN GENERAL PURPOSE SWITCHING TRANSISTOR

2N3904 Datasheet (HTML) - Pan Jit International Inc.


2N3904 Product details

FEATURES
• NPN epitaxial silicon, planar design
• Collector-emitter voltage VCE = 40V
• Collector current IC = 200mA
• Complimentary (PNP) device:2N3906
• Pb free product are available :99% Sn above can meet RoHS environment substance directive request




Similar Part No. - 2N3904

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
NPN switching transistor
1999 Apr 23
logo
Transys Electronics
2N3904 TRSYS-2N3904 Datasheet
32Kb / 2P
NPN SIMALL SIGNAL TRANSISTOR
logo
Rohm
2N3904 ROHM-2N3904 Datasheet
90Kb / 4P
NPN General Purpose Transistor
logo
Seme LAB
2N3904 SEME-LAB-2N3904 Datasheet
16Kb / 2P
GENERAL PURPOSE NPN TRANSISTOR FOR HIGH RELIABILITY APPLICATIONS
More results


Similar Description - 2N3904

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N4401 PANJIT-2N4401 Datasheet
202Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2222AW PANJIT-MMBT2222AW Datasheet
97Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2369A PANJIT-MMBT2369A Datasheet
167Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3904W PANJIT-MMBT3904W Datasheet
102Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401 PANJIT-MMBT4401 Datasheet
90Kb / 3P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401W PANJIT-MMBT4401W Datasheet
887Kb / 3P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3904-AU PANJIT-MMBT3904-AU Datasheet
417Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Compact Technology Corp...
MMBT2222A CTC-MMBT2222A Datasheet
78Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
2N3904N PANJIT-2N3904N_15 Datasheet
393Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2SC2411K-AU PANJIT-2SC2411K-AU Datasheet
298Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
November 16,2013-REV.02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com