Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8115 Datasheet (PDF) - Micronetics, Inc.

8115 Datasheet PDF - Micronetics, Inc.
Part # 8115
Download  8115 Download
File Size   638.99 Kbytes
Page   15 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description High-performance current mode PWM switching power supply controller designed for cost-effective AC/DC converters

8115 Datasheet (PDF)

Go To PDF Page Download Datasheet
8115 Datasheet PDF - Micronetics, Inc.

Part # 8115
Download  8115 Click to download

File Size   638.99 Kbytes
Page   15 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description High-performance current mode PWM switching power supply controller designed for cost-effective AC/DC converters

8115 Datasheet (HTML) - Micronetics, Inc.


8115 Product details

Features
● Built-in 700V high-voltage power switch tube
● Built-in high-voltage starting current source, quick start
● Built-in energy efficiency processing control, standby is less than 0.1W
● Built-in overvoltage, undervoltage and short circuit protection functions
● Built-in overload and over-temperature protection function
● Accurate temperature compensation, accurate cycle-by-cycle current control
● Low starting current and low operating current
● Adaptive frequency rotation design, low EMI interference
● High conversion efficiency, meeting Energy Star 2.0 requirements
● Wide voltage output power 12W (ME8115B is 18W), peak output power
15W (ME8115B is 20W)
● High voltage output power 15W (ME8115B is 20W), peak output
18W (ME8115B is 22W)
● Few peripheral components and low overall machine cost




Similar Part No. - 8115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8115 ETC2-8115 Datasheet
365Kb / 2P
Low Capacitance for EIA RS-232 and EIA RS-422 Applications
logo
NTE Electronics
8115 NTE-8115 Datasheet
61Kb / 1P
Thermal Cutoff
logo
Belden Inc.
8115 BELDEN-8115 Datasheet
217Kb / 2P
RS232/422 Low Cap, #24-15pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω
05-05-2023
logo
Sealevel Systems, Inc.
8115 SEALEVEL-8115 Datasheet
441Kb / 2P
USB to 4 Form C Relay Outputs Digital Interface Adapter
logo
RAF ELECTRONIC HARDWARE
8115-632-A RAF-8115-632-A Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
More results


Similar Description - 8115

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5021 NSC-LM5021 Datasheet
746Kb / 15P
AC-DC Current Mode PWM Controller
logo
Leshan Radio Company
LR2257 LRC-LR2257 Datasheet
408Kb / 8P
AC/DC Current Mode PWM power management controller
LR5920 LRC-LR5920 Datasheet
638Kb / 12P
High Performance Current Mode PWM Switching Power Supply Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Diodes Incorporated
AP3103A DIODES-AP3103A Datasheet
408Kb / 12P
COST EFFECTIVE GREEN PWM CONTROLLER
Rev 2
AP3105 DIODES-AP3105 Datasheet
336Kb / 13P
COST EFFECTIVE GREEN PWM CONTROLLER
Rev 2
logo
SIFIRST TECHNOLOGIES NA...
SF1585 SIFIRST-SF1585 Datasheet
63Kb / 2P
Cost Effective, High Power, 管-BalanceTM PWM Controller
logo
Shaanxi Reactor Micro...
RM6203 REACTOR-RM6203 Datasheet
313Kb / 7P
High Performance Current Mode PWM Switching Power Supply controller
logo
List of Unclassifed Man...
SW2604 ETC2-SW2604 Datasheet
343Kb / 6P
High performance current mode PWM switching power supply controller
logo
Diodes Incorporated
AP3105D DIODES-AP3105D Datasheet
368Kb / 13P
COST EFFECTIVE GREEN PWM CONTROLLER
February 2014 Rev. 2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com