Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME4057D Datasheet (PDF) - Nanjing Micro One Electronics Inc

ME4057D Datasheet PDF - Nanjing Micro One Electronics Inc
Part # ME4057D
Download  ME4057D Download
File Size   358.37 Kbytes
Page   18 Pages
Manufacturer  MICRONE [Nanjing Micro One Electronics Inc]
Direct Link  https://www.microne.com.cn/
Logo MICRONE - Nanjing Micro One Electronics Inc
Description 1A Lithium Ion Battery Linear Charger ME4057

ME4057D Datasheet (PDF)

Go To PDF Page Download Datasheet
ME4057D Datasheet PDF - Nanjing Micro One Electronics Inc

Part # ME4057D
Download  ME4057D Click to download

File Size   358.37 Kbytes
Page   18 Pages
Manufacturer  MICRONE [Nanjing Micro One Electronics Inc]
Direct Link  https://www.microne.com.cn/
Logo MICRONE - Nanjing Micro One Electronics Inc
Description 1A Lithium Ion Battery Linear Charger ME4057

ME4057D Datasheet (HTML) - Nanjing Micro One Electronics Inc


ME4057D Product details

General Description
ME4057 is a complete constant-current/constant voltage
linear charger for single cell lithium-ion batteries. With a
thermally enhanced 8-PIN SOP package on the bottom
and low external component count make the ME4057
ideally suited for portable applications. Furthermore the
ME4057 is specifically designed to work within USB power
specifications.
No external sense resistor is needed and no blocking
diode is required due to the internal PMOSFET
architecture .Thermal feedback regulates the charge
current to limit the die temperature during high power
operation or high ambient temperature .The charge voltage
is fixed at 4.2V,and the charge current can be programmed
externally with a single resistor. The ME4057 automatically
terminates the charge cycle when the charge current drops
to 1/10th the programmed value after the final float voltage
is reached.
When the input supply (wall adapter or USB supply) is
removed the ME4057 automatically enters a low current
state dropping the battery drain current to less than
2μA.The ME4057 can be put into shutdown mode reducing
the supply current to 55μA.
Other features include Battery temperature monitor,
under-voltage lockout, automatic recharge and two status
pins to indicate charge and charge termination.




Similar Part No. - ME4057D

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME40 SLPOWER-ME40 Datasheet
670Kb / 4P
40W Single Output External Power Medical Series
logo
Pentair plc. All rights...
ME40 PENTAIR-ME40 Datasheet
215Kb / 4P
EFFLUENT AND DRAIN WATER PUMPS
logo
Schneider Electric
ME40 SCHNEIDER-ME40 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
List of Unclassifed Man...
ME40101V1-0000-A99 ETC-ME40101V1-0000-A99 Datasheet
1Mb / 10P
DR MagLev motor fan
2010/05/31
ME40101VX-0000-A99 ETC-ME40101VX-0000-A99 Datasheet
1Mb / 10P
DR MagLev motor fan
2010/05/31
More results


Similar Description - ME4057D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
Lithium-Ion Linear Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4056 BELLING-BL4056 Datasheet
325Kb / 17P
1A Lithium Ion Battery Linear Charger
logo
E-CMOS Corporation
EC49023 E-CMOS-EC49023 Datasheet
456Kb / 9P
1A, Linear Lithium Battery Charger
logo
SHOUDING Shouding Semic...
SD8068 SHOUDING-SD8068 Datasheet
812Kb / 18P
1A Lithium Ion Battery Linear Charger
logo
Shenzhen Huazhimei Semi...
HM4058DR HMSEMI-HM4058DR Datasheet
879Kb / 9P
High withstand voltage 1A linear lithium ion battery charger
HM4051ADR HMSEMI-HM4051ADR Datasheet
1Mb / 13P
1A Lithium Ion Battery Linear Charger
HM4056A HMSEMI-HM4056A Datasheet
713Kb / 8P
1A linear lithium ion battery charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
Linear Lithium-ion Battery Charger
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
Linear Lithium-ion Battery Charger
logo
Guangdong Youtai Semico...
TP4056 UMW-TP4056 Datasheet
878Kb / 12P
1A linear lithium-ion battery charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com