Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2C101 Datasheet (PDF) - Solid State Inc

AD2C101 Datasheet PDF - Solid State Inc
Part # AD2C101
Download  AD2C101 Download
File Size   242.63 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High Blocking Voltage (600V)

AD2C101 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD2C101 Datasheet PDF - Solid State Inc

Part # AD2C101
Download  AD2C101 Click to download

File Size   242.63 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High Blocking Voltage (600V)

AD2C101 Datasheet (HTML) - Solid State Inc


AD2C101 Product details

DESCRIPTION
The AD2C101 is a bi-directional, single-pole, single-throw, normally open multipurpose solid-state relay. The relay consists of an IR LED
optically coupled to a Photo Diode Array, which in turn drives two output MOSFETs. The AD2C101 provides high load voltage (600V) and
high input-to-output isolation (5kV) in a miniature 4 pin DIP / SMD package, making it ideal for high-density board applications.

FEATURES
• High Blocking Voltage (600V)
• Small 4-pin DIP / SMD package
• High input-to-output isolation (5000Vrms)
• 100mA maximum continuous load current
• 40 ohms maximum on-resistance
• Long life/high reliability

APPLICATIONS
• Multiplexers
• Meter reading systems
• Data Acquisition
• Medical equipment
• Battery monitoring
• Home/Safety security systems




Similar Part No. - AD2C101

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C101 SSOUSA-AD2C101 Datasheet
242Kb / 5P
Solid State Relay
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
High Blocking Voltage (600V)
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
1 Form A Solid State Relay
More results


Similar Description - AD2C101

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
High blocking voltage capability
Rev. 5-23 March 2011
logo
Solid State Optronic
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
High Blocking Voltage (600V)
AD4C101 SSOUSA-AD4C101 Datasheet
224Kb / 5P
High Blocking Voltage (600V)
AD4C201 SSOUSA-AD4C201 Datasheet
298Kb / 8P
High Blocking Voltage (600V)
AD6C010 SSOUSA-AD6C010 Datasheet
249Kb / 7P
High Blocking Voltage (1200V)
AD6C011 SSOUSA-AD6C011 Datasheet
250Kb / 7P
High Blocking Voltage (800V)
AD6C101 SSOUSA-AD6C101_15 Datasheet
212Kb / 5P
High Blocking Voltage (600V)
STR8062 SSOUSA-STR8062 Datasheet
357Kb / 8P
High Blocking Voltage (600V)
STZ8062 SSOUSA-STZ8062 Datasheet
400Kb / 9P
High Blocking Voltage
STZ8082 SSOUSA-STZ8082 Datasheet
400Kb / 9P
High Blocking Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com