Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2C111 Datasheet (PDF) - Solid State Inc

AD2C111 Datasheet PDF - Solid State Inc
Part # AD2C111
Download  AD2C111 Download
File Size   246.28 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Small 4 pin DIP package outline - reduces board space

AD2C111 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD2C111 Datasheet PDF - Solid State Inc

Part # AD2C111
Download  AD2C111 Click to download

File Size   246.28 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Small 4 pin DIP package outline - reduces board space

AD2C111 Datasheet (HTML) - Solid State Inc


AD2C111 Product details

DESCRIPTION
The AD2C111 is a bi-directional, single-pole, single-throw, normally open multipurpose solid-state relay. It is designed to replace
electromechanical relays in general purpose switching applications. The relay consists of IR LED optically coupled to a IC that drives two
rugged source-to-source enhancement type DMOS transistors. The 4 pin DIP package offers the combination of reduced package size,
with 5kV input to output isolation.

FEATURES
• Small 4 pin DIP package outline - reduces board space
• High input-output isolation (5kVrms)
• Low input control power consumption (2mA TYP)
• 130mA maximum continuous load current
• 30 ohms maximum on-resistance
• Long life/high reliability
• RoHS / Pb-Free / REACH Compliant

APPLICATIONS
• Reed relay replacement
• Meter reading systems
• Medical Equipment
• Battery Monitoring
• Multiplexers




Similar Part No. - AD2C111

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C111 SSOUSA-AD2C111 Datasheet
300Kb / 5P
Solid State Relay
AD2C111-L SSOUSA-AD2C111-L Datasheet
249Kb / 5P
Solid State Relay with Current Limiting
logo
Solid State Inc
AD2C111-L SOLIDSTATE-AD2C111-L Datasheet
249Kb / 5P
Small 4 pin DIP package outline - reduces board space
logo
Solid State Optronic
AD2C111 SSOUSA-AD2C111_15 Datasheet
246Kb / 5P
Small 4 pin DIP package outline - reduces board space
More results


Similar Description - AD2C111

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C111 SSOUSA-AD2C111_15 Datasheet
246Kb / 5P
Small 4 pin DIP package outline - reduces board space
M211 SSOUSA-M211_15 Datasheet
181Kb / 5P
Ultra miniature 4-pin small outline package
M222 SSOUSA-M222_15 Datasheet
171Kb / 5P
Ultra miniature 4-pin small outline package
SAT400 SSOUSA-SAT400_15 Datasheet
582Kb / 10P
Small 4 pin DIP/SMD package
SAT450 SSOUSA-SAT450_15 Datasheet
378Kb / 8P
Ultra Minature 4-Pin Small Outline Package
TDM3021 SSOUSA-TDM3021 Datasheet
333Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3051 SSOUSA-TDM3051 Datasheet
334Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3052 SSOUSA-TDM3052 Datasheet
342Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3082 SSOUSA-TDM3082 Datasheet
386Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
logo
Micro Commercial Compon...
ESDLC0524DFN10 MCC-ESDLC0524DFN10 Datasheet
689Kb / 4P
Small package saves board space
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com