Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2C201 Datasheet (PDF) - Solid State Inc

AD2C201 Datasheet PDF - Solid State Inc
Part # AD2C201
Download  AD2C201 Download
File Size   356.44 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Compact 4 pin DIP/SMD Package

AD2C201 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD2C201 Datasheet PDF - Solid State Inc

Part # AD2C201
Download  AD2C201 Click to download

File Size   356.44 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Compact 4 pin DIP/SMD Package

AD2C201 Datasheet (HTML) - Solid State Inc


AD2C201 Product details

Description
The AD2C201 is a bi-directional, single-pole, single-throw,
normally open multipurpose solid-state relay in a compact 4
pin DIP package. With a high blocking voltage (600V) and
low on-resistance, it is ideally suited to high voltage
applications requiring higher load currents. The relay
consists of an integrated circuit that drives two rugged
source-to-source enhancement type DMOS transistors –
optically coupled to a light emitting diode. The output MOS
transistors are protected with free-wheeling diodes that can
handle up to 1.5A of inrush current

Features
 Compact 4 pin DIP/SMD Package
 High Input-to-Output Isolation (up to 5VRMS)
 Low Input Control Current (2mA TYP)
 150mA Maximum Continuous Load Current
 Low On Resistance (17 TYP)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Reed Relay Replacement
 Security Systems
 Meter Reading Equipment
 Data Acquisition
 Battery Monitoring
 Multiplexers




Similar Part No. - AD2C201

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
More results


Similar Description - AD2C201

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C112 SSOUSA-AD2C112 Datasheet
334Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C331 SSOUSA-AD2C331 Datasheet
341Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C542 SSOUSA-AD2C542 Datasheet
341Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C641 SSOUSA-AD2C641 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C741 SSOUSA-AD2C741 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C941 SSOUSA-AD2C941 Datasheet
334Kb / 8P
Compact 4 pin DIP/SMD Package
AD6C201 SSOUSA-AD6C201 Datasheet
346Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C742 SSOUSA-AD6C742 Datasheet
347Kb / 8P
Compact 6 pin DIP/SMD Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com