Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2C331 Datasheet (PDF) - Solid State Inc

AD2C331 Datasheet PDF - Solid State Inc
Part # AD2C331
Download  AD2C331 Download
File Size   355.41 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Compact 4 pin DIP/SMD Package

AD2C331 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD2C331 Datasheet PDF - Solid State Inc

Part # AD2C331
Download  AD2C331 Click to download

File Size   355.41 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Compact 4 pin DIP/SMD Package

AD2C331 Datasheet (HTML) - Solid State Inc


AD2C331 Product details

Description
The AD2C331 is a bi-directional, single-pole, single-throw,
normally open multipurpose solid-state relay. It is designed
to replace electromechanical relays in general purpose
switching applications. The relay consists of an IR LED
optically coupled to an IC that drives two rugged source-tosource
enhancement type DMOS transistors. The device
comes with up to 5kV input to output isolation.

Features
 Compact 4 pin DIP/SMD Package
 High Isolation Voltage (up to 5kVRMS)
 Low Input Control Current (2.5mA TYP)
 6Ω Typical On Resistance
 200mA Maximum Continuous Load Current
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Reed Relay Replacement
 Meter Reading Systems
 Data Acquisition
 Medical Equipment
 Battery Monitoring
 Safety Systems




Similar Part No. - AD2C331

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C331 SSOUSA-AD2C331 Datasheet
341Kb / 8P
Compact 4 pin DIP/SMD Package
More results


Similar Description - AD2C331

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C112 SSOUSA-AD2C112 Datasheet
334Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C331 SSOUSA-AD2C331 Datasheet
341Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C542 SSOUSA-AD2C542 Datasheet
341Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C641 SSOUSA-AD2C641 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C741 SSOUSA-AD2C741 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C941 SSOUSA-AD2C941 Datasheet
334Kb / 8P
Compact 4 pin DIP/SMD Package
AD6C201 SSOUSA-AD6C201 Datasheet
346Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C742 SSOUSA-AD6C742 Datasheet
347Kb / 8P
Compact 6 pin DIP/SMD Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com