Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2C541 Datasheet (PDF) - Solid State Inc

AD2C541 Datasheet PDF - Solid State Inc
Part # AD2C541
Download  AD2C541 Download
File Size   243.15 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low On-Resistance (1 ohm MAX)

AD2C541 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD2C541 Datasheet PDF - Solid State Inc

Part # AD2C541
Download  AD2C541 Click to download

File Size   243.15 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low On-Resistance (1 ohm MAX)

AD2C541 Datasheet (HTML) - Solid State Inc


AD2C541 Product details

DESCRIPTION
The AD2C541 is a bi-directional, single-pole, single-throw, normally open high power solid-state relay. The relay consists of IR LED
optically coupled to an IC that drives two rugged source-to-source low on-resistance enhancement type DMOS transistors. With high load
current rating (500mA), high isolation (5kV) and compact package size, the AD2C541 is ideally suited to high power applications where
board space is at a premium.

FEATURES
• Low On-Resistance (1 ohm MAX)
• High Load Current (500mA)
• Small package outline (4DIP) - reduces board space
• High input-to-output Isolation (5kV)
• Low input control power consumption (2.5mA TYP)
• Long life / Solid State reliability

APPLICATIONS
• Reed relay replacement
• Meter reading systems
• Medical equipment
• Battery monitoring
• Multiplexers




Similar Part No. - AD2C541

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C541 SSOUSA-AD2C541 Datasheet
243Kb / 5P
Solid State Relay
AD2C541 SSOUSA-AD2C541_15 Datasheet
243Kb / 5P
Low On-Resistance (1 ohm MAX)
More results


Similar Description - AD2C541

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6680GM A-POWER-AP6680GM Datasheet
85Kb / 6P
Low On-Resistance, High Vgs Max Rating Voltage
logo
Analog Devices
ADG602BRTZ-REEL AD-ADG602BRTZ-REEL Datasheet
327Kb / 12P
Low on resistance, 2.5 OHM maximum
REV. C
ADG1409YRUZ AD-ADG1409YRUZ Datasheet
459Kb / 20P
4.7 OHM maximum on resistance
REV. B
ADG1636BRUZ AD-ADG1636BRUZ Datasheet
526Kb / 16P
1 OHM Typical On Resistance
REV. A
logo
Assmann Electronics Inc...
AK672M-2-3-GR ASSMANN-AK672M-2-3-GR Datasheet
206Kb / 1P
CONDUCT RESISTANCE : 2 OHM MAX
AK-310300-020-S ASSMANN-AK-310300-020-S Datasheet
541Kb / 1P
CONTACT RESISTANCE 3 OHM MAX
logo
Solid State Optronic
AD2C541 SSOUSA-AD2C541_15 Datasheet
243Kb / 5P
Low On-Resistance (1 ohm MAX)
AD6C541 SSOUSA-AD6C541_15 Datasheet
346Kb / 8P
Low On Resistance (1 Max)
AD6C641 SSOUSA-AD6C641 Datasheet
226Kb / 5P
Low on-resistance (0.35 ohm TYP)
M251 SSOUSA-M251 Datasheet
175Kb / 5P
Low on-resistance (1 ohm MAX)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com