Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2C841 Datasheet (PDF) - Solid State Inc

AD2C841 Datasheet PDF - Solid State Inc
Part # AD2C841
Download  AD2C841 Download
File Size   348.01 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low On Resistance

AD2C841 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD2C841 Datasheet PDF - Solid State Inc

Part # AD2C841
Download  AD2C841 Click to download

File Size   348.01 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low On Resistance

AD2C841 Datasheet (HTML) - Solid State Inc


AD2C841 Product details

Features
 Low On Resistance (70m TYP)
 High Continuous Load Current (2.5A MAX)
 Miniature 4DIP/SMD Package
 High Isolation Voltage (3750VRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Description
The AD2C841 is a bi-directional, single-pole, single-throw,
normally open multipurpose solid-state relay. It is designed
to be a cost-effective replacement of reed relays in low
voltage applications. The AD2C841 has an extremely low
on resistance of 70m (TYP) and a very high continuous
load current rating of up to 2.5A. Because the output MOS
transistors have extremely low on resistance, the device is
ideal where minimal signal attenuation is desired.
The AD2C841 comes standard in a miniature 4 pin DIP
package making it ideal for high-density board applications.

Applications
 Reed Relay Replacement
 Meter Reading Systems
 Data Acquisition
 Medical Equipment
 Battery Monitoring
 Safety Systems




Similar Part No. - AD2C841

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C841 SSOUSA-AD2C841 Datasheet
334Kb / 8P
High Continuous Load Current (2.5A MAX)
More results


Similar Description - AD2C841

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
Low On-resistance
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP2430GN3-HF A-POWER-AP2430GN3-HF_14 Datasheet
96Kb / 4P
Low On-resistance
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
Low On-resistance
AP4228GM-HF A-POWER-AP4228GM-HF_14 Datasheet
204Kb / 5P
Low On-resistance
AP9579GJ-HF A-POWER-AP9579GJ-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
Low On-Resistance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com