Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3048L Datasheet (PDF) - Bourns Electronic Solutions

3048L Datasheet PDF - Bourns Electronic Solutions
Part # 3048L
Download  3048L Download
File Size   76.66 Kbytes
Page   1 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Linear Motion Potentiometer

3048L Datasheet (PDF)

Go To PDF Page Download Datasheet
3048L Datasheet PDF - Bourns Electronic Solutions

Part # 3048L
Download  3048L Click to download

File Size   76.66 Kbytes
Page   1 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Linear Motion Potentiometer

3048L Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - 3048L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3048L-2-502 BOURNS-3048L-2-502 Datasheet
257Kb / 1P
Linear Motion Potentiometer
3048L2-102 BOURNS-3048L2-102 Datasheet
257Kb / 1P
Linear Motion Potentiometer
3048L2-103 BOURNS-3048L2-103 Datasheet
257Kb / 1P
Linear Motion Potentiometer
3048L2-203 BOURNS-3048L2-203 Datasheet
257Kb / 1P
Linear Motion Potentiometer
3048L2-252 BOURNS-3048L2-252 Datasheet
257Kb / 1P
Linear Motion Potentiometer
More results


Similar Description - 3048L

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
448 CTS-448 Datasheet
110Kb / 4P
Linear motion 0.2 watt composition slide control
logo
STMicroelectronics
LIS244AL STMICROELECTRONICS-LIS244AL Datasheet
165Kb / 15P
MEMS motion sensor:2-axis - ±2g ultracompact linear accelerometer
29-Jun-2007
logo
Bourns Electronic Solut...
3048 BOURNS-3048 Datasheet
76Kb / 1P
Linear Motion Potentiometer
logo
CTS Corporation
442 CTS-442 Datasheet
292Kb / 2P
Linear Motion 1/4 Watt Composition Slide Controls
logo
Bourns Electronic Solut...
3046 BOURNS-3046 Datasheet
147Kb / 1P
Linear Motion Potentiometer
3048 BOURNS-3048_13 Datasheet
257Kb / 1P
Linear Motion Potentiometer
logo
CTS Corporation
448UE2102BD CTS-448UE2102BD_16 Datasheet
118Kb / 4P
Commercial Linear Motion Carbon Composition Slide Potentiometer
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
Commercial Linear Motion Carbon Composition Slide Potentiometer
logo
Vishay Siliconix
KITPL VISHAY-KITPL Datasheet
148Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
KITPL VISHAY-KITPL_V01 Datasheet
145Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com