Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9965 Datasheet (PDF) - Belden Inc.

9965 Datasheet PDF - Belden Inc.
Part # 9965
Download  9965 Download
File Size   457.35 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CANopen / DeviceNet Data Single-Ended Cordset

9965 Datasheet (PDF)

Go To PDF Page Download Datasheet
9965 Datasheet PDF - Belden Inc.

Part # 9965
Download  9965 Click to download

File Size   457.35 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CANopen / DeviceNet Data Single-Ended Cordset

9965 Datasheet (HTML) - Belden Inc.


9965 Product details

Product Description
CANopen / DeviceNet Data Single-Ended Cordset: M12 Standard, female, angled, 5-pin, A-coded, black body, 50 V AC / 60 V DC, 4 A; PUR black cable,
4-wires, Data: 2x0.25 mm² + Power: 2x0.34 mm²




Similar Part No. - 9965

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9965 3M-9965 Datasheet
110Kb / 2P
3M™ Microfluidic Diagnostic Tape
Aug-2020
logo
Belden Inc.
9965 BELDEN-9965 Datasheet
159Kb / 2P
Electronic, 1 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9965-0091000 BELDEN-9965-0091000 Datasheet
159Kb / 2P
Electronic, 1 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
logo
VBsemi Electronics Co.,...
9965GEM VBSEMI-9965GEM Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results


Similar Description - 9965

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GK473 IVO-GK473 Datasheet
568Kb / 4P
Gateway Fieldbus interface for spindle position displays CANopen, DeviceNet, Profibus-DP
logo
WAGO Kontakttechnik Gmb...
756-1401-060-020 WAGO-756-1401-060-020 Datasheet
201Kb / 4P
CANopen/DeviceNet cable; M12A socket; straight; 5-pole; Length: 2 m
22.11.2021
756-1401-060-050 WAGO-756-1401-060-050 Datasheet
201Kb / 4P
CANopen/DeviceNet cable; M12A socket; straight; 5-pole; Length: 5 m
22.11.2021
756-1402-060-050 WAGO-756-1402-060-050 Datasheet
213Kb / 4P
CANopen/DeviceNet cable; M12A socket; angled; 5-pole; Length: 5 m
22.11.2021
756-1402-060-100 WAGO-756-1402-060-100 Datasheet
213Kb / 4P
CANopen/DeviceNet cable; M12A socket; angled; 5-pole; Length: 10 m
22.11.2021
756-1402-060-200 WAGO-756-1402-060-200 Datasheet
213Kb / 4P
CANopen/DeviceNet cable; M12A socket; angled; 5-pole; Length: 20 m
22.11.2021
logo
Molex Electronics Ltd.
1300240005 MOLEX-1300240005 Datasheet
27Kb / 1P
Mini-Change Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, DeviceNet Stranded Cable, 1.0m (3.28) Length
02/02/2023
1300270037 MOLEX-1300270037 Datasheet
27Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 5 Poles, Male (90°) to Pigtail, DeviceNet Cable, 1.0m (3.28) Length
02/01/2023
1300270040 MOLEX-1300270040 Datasheet
27Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 5 Poles, Male (90°) to Pigtail, DeviceNet Cable, 3.0m (9.84) Length
02/28/2023
1300270041 MOLEX-1300270041 Datasheet
27Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 5 Poles, Male (90°) to Pigtail, DeviceNet Cable, 5.0m (16.40) Length
01/31/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com