Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSWTS4D-RJ45-342 Datasheet (PDF) - Belden Inc.

RSWTS4D-RJ45-342 Datasheet PDF - Belden Inc.
Part # RSWTS4D-RJ45-342
Download  RSWTS4D-RJ45-342 Download
File Size   484.97 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fast Ethernet Cat5e Data Double-Ended Cordset

RSWTS4D-RJ45-342 Datasheet (PDF)

Go To PDF Page Download Datasheet
RSWTS4D-RJ45-342 Datasheet PDF - Belden Inc.

Part # RSWTS4D-RJ45-342
Download  RSWTS4D-RJ45-342 Click to download

File Size   484.97 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fast Ethernet Cat5e Data Double-Ended Cordset

RSWTS4D-RJ45-342 Datasheet (HTML) - Belden Inc.


RSWTS4D-RJ45-342 Product details

Product Description
Fast Ethernet Cat5e Data Double-Ended Cordset: Male angled D-coded orange M12 Standard to male straight RJ45-coded black RJ45, shielded, 30 V AC / 42
V DC, 1.5 A; PUR green cable, 4-wires, 2x2x0.34 mm²




Similar Part No. - RSWTS4D-RJ45-342

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RSWTS4S-1027 BELDEN-RSWTS4S-1027 Datasheet
405Kb / 3P
M12 Power Single-Ended Cordset: Male, angled, 4-pin(3PE), S-coded, shielded, blue body, 600 V AC/DC, 20 A; PUR black cable, ca. 2,5mm²
More results


Similar Description - RSWTS4D-RJ45-342

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1201080039 MOLEX11-1201080039 Datasheet
157Kb / 2P
Micro-Change짰 Double-Ended Cordset, Straight, Male to Male
1200020481 MOLEX-1200020481 Datasheet
34Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles
1200020482 MOLEX-1200020482 Datasheet
34Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles
1200060049 MOLEX-1200060049 Datasheet
29Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles
1200060051 MOLEX-1200060051 Datasheet
28Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles
1200988052 MOLEX-1200988052 Datasheet
24Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Female
1201080267 MOLEX-1201080267 Datasheet
24Kb / 1P
Industrial Ethernet Double-Ended RJ-45 Cordset, Male (Straight) to Male
1201090003 MOLEX-1201090003 Datasheet
28Kb / 1P
Ultra-Lock (M12) to RJ-45 Industrial Ethernet Double-Ended Cordset, Female
1202440200 MOLEX-1202440200 Datasheet
23Kb / 1P
Micro-Change (M12) Circular Hybrid Technology (CHT) Double-Ended Cordset
1202440204 MOLEX-1202440204 Datasheet
42Kb / 1P
Micro-Change (M12) Circular Hybrid Technology (CHT) Double-Ended Cordset
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com