Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40TW Datasheet (PDF) - Pan Jit International Inc.

BAS40TW Datasheet PDF - Pan Jit International Inc.
Part # BAS40TW
Download  BAS40TW Download
File Size   123.87 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY DIODE ARRAYS

BAS40TW Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS40TW Datasheet PDF - Pan Jit International Inc.

Part # BAS40TW
Download  BAS40TW Click to download

File Size   123.87 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY DIODE ARRAYS

BAS40TW Datasheet (HTML) - Pan Jit International Inc.


BAS40TW Product details

SURFACE MOUNT SCHOTTKY DIODE ARRAYS

These devices feature electrically-isolated Schottky diodes connected in various configurations housed in a very small SOT-363 (SC70-6L)

FEATURES
Maximum forward voltage @ 10mA of 0.5V
Also available in lead-free plating (100% matte tin finish)
Maximum leakage current @ 25V of 1.0uA
Reverse voltage rating of 40V

APPLICATIONS
Rail-to-rail ESD protection
Overshoot and undershoot switching control
Mobile phones and accessories
Video game consoles connector ports




Similar Part No. - BAS40TW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS40TW DIODES-BAS40TW Datasheet
83Kb / 4P
Sub-miniature Schottky Diodes & Arrays in
BAS40TW DIODES-BAS40TW Datasheet
47Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30156 Rev. D-1
BAS40TW DIODES-BAS40TW Datasheet
80Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30156 Rev. 10 - 2
BAS40TW DIODES-BAS40TW Datasheet
131Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
Rev. 13 - 2 July 2008
logo
Micro Commercial Compon...
BAS40TW MCC-BAS40TW Datasheet
221Kb / 3P
200mW SCHOTTKY BARRIER Diode
More results


Similar Description - BAS40TW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS70TW PANJIT-BAS70TW Datasheet
152Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW Datasheet
80Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAS70TW PANJIT-BAS70TW_09 Datasheet
173Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54STB-TB6 PANJIT-BAT54STB-TB6 Datasheet
124Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW_11 Datasheet
100Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6-AU PANJIT-BAT54TB6-AU Datasheet
98Kb / 5P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54STB-TB6 PANJIT-BAT54STB-TB6_16 Datasheet
197Kb / 6P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6 PANJIT-BAT54TB6_16 Datasheet
137Kb / 5P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6-AU PANJIT-BAT54TB6-AU_16 Datasheet
131Kb / 5P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW_17 Datasheet
170Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com