Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3069876 Datasheet (PDF) - PHOENIX CONTACT

3069876 Datasheet PDF - PHOENIX CONTACT
Part # 3069876
Download  3069876 Download
File Size   185.44 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FBP-2/5 - Blind plug

3069876 Datasheet (PDF)

Go To PDF Page Download Datasheet
3069876 Datasheet PDF - PHOENIX CONTACT

Part # 3069876
Download  3069876 Click to download

File Size   185.44 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FBP-2/5 - Blind plug

3069876 Datasheet (HTML) - PHOENIX CONTACT


3069876 Product details

Blind plug, pitch: 8.2 mm, width: 73.4 mm, height: 72.9 mm, number of positions: 5, color: gray,
mounting type: Insertion in base strip




Similar Part No. - 3069876

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3069870 PHOENIX-3069870 Datasheet
228Kb / 7P
PTRE 6-2/21 - Test terminal strip
3069871 PHOENIX-3069871 Datasheet
219Kb / 6P
PTRE 6-2/22 - Test terminal strip
3069872 PHOENIX-3069872 Datasheet
228Kb / 7P
PTRE 6-2/23 - Test terminal strip
3069874 PHOENIX-3069874 Datasheet
228Kb / 7P
PTRE 6-2/25 - Test terminal strip
3069875 PHOENIX-3069875 Datasheet
80Kb / 5P
Dummy plug - FBP-2/4
09/12/2020
More results


Similar Description - 3069876

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0934941000 MOLEX1-0934941000 Datasheet
38Kb / 1P
ML-XT Blind Cavity Plug
logo
Pepperl+Fuchs Inc.
ICZ-AIDA1-B PF-ICZ-AIDA1-B Datasheet
537Kb / 1P
Blind plug
VAZ-G4-B1 PF-VAZ-G4-B1 Datasheet
93Kb / 1P
Blind plug
VAZ-V1-B1 PF-VAZ-V1-B1 Datasheet
76Kb / 1P
Blind plug
VAZ-V1-B3 PF-VAZ-V1-B3 Datasheet
138Kb / 1P
Blind plug
VAZ-V1S-B PF-VAZ-V1S-B Datasheet
83Kb / 1P
Blind plug
VAZ-V3-B PF-VAZ-V3-B Datasheet
97Kb / 1P
Blind plug
logo
PHOENIX CONTACT
3069875 PHOENIX-3069875 Datasheet
80Kb / 5P
Dummy plug - FBP-2/4
09/12/2020
logo
Pepperl+Fuchs Inc.
V1-BV PF-V1-BV Datasheet
249Kb / 1P
Blind plug
2020-03-24
logo
Burland Technology Solu...
FBP-STO279 BURLAND-FBP-STO279 Datasheet
886Kb / 2P
FBP-STO279
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com