Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8011 Datasheet (PDF) - Richtek Technology Corporation

RT8011 Datasheet PDF - Richtek Technology Corporation
Part # RT8011
Download  RT8011 Download
File Size   414.23 Kbytes
Page   17 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 4MHz, Synchronous Step-Down Regulator

RT8011 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8011 Datasheet PDF - Richtek Technology Corporation

Part # RT8011
Download  RT8011 Click to download

File Size   414.23 Kbytes
Page   17 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 4MHz, Synchronous Step-Down Regulator

RT8011 Datasheet (HTML) - Richtek Technology Corporation


RT8011 Product details

General Description
The RT8011/A is a high efficiency synchronous, step-down DC/DC converter. Its input voltage range is from 2.6V to 5.5V and provides an adjustable regulated output voltage from 0.8V to 5V while delivering up to 2A of output current.

Features
● High Efficiency : Up to 95%
● Low RDS(ON) Internal Switches : 110mΩ
● Programmable Frequency : 300kHz to 4MHz
● No Schottky Diode Required
● 0.8V Reference Allows Low Output Voltage
● Forced Continuous Mode Operation
● Low Dropout Operation : 100% Duty Cycle
● Synchronizable Switching Frequency (For RT8011 Only)
● Power Good Output Voltage Monitor (For RT8011 Only)
● RoHS Compliant and 100% Lead (Pb)-Free

Applications
● Portable Instruments
● Battery-Powered Equipment
● Notebook Computers
● Distributed Power Systems
● IP Phones
● Digital Cameras




Similar Part No. - RT8011

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-10GQW RICHTEK-RT8010-10GQW Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-10PQV RICHTEK-RT8010-10PQV Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-10PQW RICHTEK-RT8010-10PQW Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-12GQW RICHTEK-RT8010-12GQW Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results


Similar Description - RT8011

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
8A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
3A, 4MHz, Synchronous Step-Down Regulator
logo
Linear Technology
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A_15 Datasheet
326Kb / 20P
3A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
2A Synchronous Step-Down Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com