Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8100 Datasheet (PDF) - Richtek Technology Corporation

RT8100 Datasheet PDF - Richtek Technology Corporation
Part # RT8100
Download  RT8100 Download
File Size   427.81 Kbytes
Page   18 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Synchronous buck PWM DC/DC with Dual Voltage Control Mode

RT8100 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8100 Datasheet PDF - Richtek Technology Corporation

Part # RT8100
Download  RT8100 Click to download

File Size   427.81 Kbytes
Page   18 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Synchronous buck PWM DC/DC with Dual Voltage Control Mode

RT8100 Datasheet (HTML) - Richtek Technology Corporation


RT8100 Product details

General Description

The RT8100 is an advanced DC/DC synchronous buck PWM controller with several innovative functions for specific customer’s ASIC only.



Features

Analogous Current Mode Design

2.5V to 12V Switching Source Power

0.8V to 3.3V Output Voltage Regulation

Adjustable VINFeed-Forward Ramp Slope

Adjustable Operation Frequency

Precise Core Voltage Regulation

Precise DCR Current Sensing with High Quality Capacitor, X7R

±1.5% System Accuracy

Input Voltage : 12V and 5V Bias

Enable Function

RoHS Compliant and 100% Lead (Pb)-Free

Over Current Protection

External Soft Start Setting

Operation Frequency up to 1.0MHz

Dual Mode Voltage Control

  `Tracking Mode

  `Stand-Alone Mode

Output Current Indication

16-Lead VQFN Package



Applications

MB memory and chipset core power

Middle-high graphic card GPU and memory core power

General-purpose fields including server, NB, bare-bone and mini-system




Similar Part No. - RT8100

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8100A RICHTEK-RT8100A Datasheet
422Kb / 18P
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100AGQV RICHTEK-RT8100AGQV Datasheet
422Kb / 18P
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100APQV RICHTEK-RT8100APQV Datasheet
422Kb / 18P
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
More results


Similar Description - RT8100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN5312Q ETC1-EN5312Q Datasheet
253Kb / 12P
Fully Integrated Voltage Mode Synchronous Buck PWM DC-DC Converter Module
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5310 ENPIRION-EN5310 Datasheet
308Kb / 10P
1A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Richtek Technology Corp...
RT8100A RICHTEK-RT8100A Datasheet
422Kb / 18P
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
logo
Enpirion, Inc.
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com