Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9002A Datasheet (PDF) - Richtek Technology Corporation

RT9002A Datasheet PDF - Richtek Technology Corporation
Part # RT9002A
Download  RT9002A Download
File Size   200.94 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual Low-Dropout Regulator with Detector

RT9002A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9002A Datasheet PDF - Richtek Technology Corporation

Part # RT9002A
Download  RT9002A Click to download

File Size   200.94 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual Low-Dropout Regulator with Detector

RT9002A Datasheet (HTML) - Richtek Technology Corporation


RT9002A Product details

General Description

The RT9002A/B/C is a dual-channel, low noise, and low dropout regulator. The first regulator is capable of sourcing 240mA, while the second regulator can source up to 500mA and includes a voltage detection function. The RT9002A/B/C performance is optimized for CD/DVD-ROM, CD/RW or wireless communication supply applications.



Features

Low Quiescent Current (Typically 70μA)

Wide Operating Voltage Ranges : 2.5V to 5.5V

Ultra-Fast Transient Response

Tight Load and Line Regulation

Current Limiting Protection

Thermal Shutdown Protection

Only Low ESR Ceramic Capacitors Required for Stability

Custom LDO VOUT1, VOUT2Voltage Available from 1.5V to 3.3V

Custom VIN Detector Available from 3.5V to 4V

RoHS Compliant and 100% Lead (Pb)-Free



Applications

CD/DVD-ROM, CD/RW

Wireless LAN Card/Keyboard/Mouse

Battery-Powered Equipment

XDSL Router



 




Similar Part No. - RT9002A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9002A RICHTEK-RT9002A_11 Datasheet
207Kb / 11P
Dual Low Dropout Regulator with Detector
More results


Similar Description - RT9002A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
LOW DROPOUT DUAL REGULATOR
logo
List of Unclassifed Man...
AIC1729 ETC1-AIC1729 Datasheet
482Kb / 8P
400mA Low Dropout Linear Regulator with Voltage Detector Function
logo
Toshiba Semiconductor
TAR8D01K TOSHIBA-TAR8D01K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8D03K TOSHIBA-TAR8D03K Datasheet
169Kb / 8P
Dual Low-Dropout Regulator
TAR8D06K TOSHIBA-TAR8D06K Datasheet
162Kb / 7P
Dual Low-Dropout Regulator
TAR8D08K TOSHIBA-TAR8D08K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8H03K TOSHIBA-TAR8H03K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8H05K TOSHIBA-TAR8H05K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
logo
Richtek Technology Corp...
RT9002A RICHTEK-RT9002A_11 Datasheet
207Kb / 11P
Dual Low Dropout Regulator with Detector
logo
ON Semiconductor
CS8135 ONSEMI-CS8135 Datasheet
88Kb / 8P
Low Dropout Dual Regulator
December, 2001 - Rev. 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com