Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7101 Datasheet (PDF) - Intersil Corporation

ICL7101 Datasheet PDF - Intersil Corporation
Part # ICL7101
Download  ICL7101 Download
File Size   596.79 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Guaranteed zero reading for 0 volts input

ICL7101 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7101 Datasheet PDF - Intersil Corporation

Part # ICL7101
Download  ICL7101 Click to download

File Size   596.79 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Guaranteed zero reading for 0 volts input

ICL7101 Datasheet (HTML) - Intersil Corporation


ICL7101 Product details

FEATURES
Guaranteed zero reading for 0 volts input
Auto-zero; auto polarity
5pA input current typical
Single reference voltage
Latched paratlel (full-time) BCD output for LCDs or
data busing
True polarity at zero count for precise null detection
On-board clock and reference

GENERAL DESCRIPTION
The 8052/7101 A/D Pair, with its parallel BCD outputs, isideally suited for data processing applications or interfacingwith 3½-digit Liquid Crystal Displays. No external circuitryis required to demultiplex the information. In addition, ihas a "start/reset" input and "busy" output that allows easysynchronization to system requirements. The 8052/7101provides 4½-digit accuracy in a 3½-digit format with typicasystem performance like 5pA input leakage, auto-zero to
10µVwith less than 1µV/C drift and Linearity to 0.002%The 8052/7101 A/D pair also features conversion rate
from 10 seconds to 30 per second, making them ideall
suited for a wide variety of applications.




Similar Part No. - ICL7101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7103 INTERSIL-ICL7103 Datasheet
168Kb / 19P
Precision 4 1/2 Digit, A/D Converter
August 1997
ICL7104 INTERSIL-ICL7104 Datasheet
198Kb / 21P
14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
August 1997
ICL7104 INTERSIL-ICL7104 Datasheet
168Kb / 19P
Precision 4 1/2 Digit, A/D Converter
August 1997
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
November 2000
ICL7104 INTERSIL-ICL7104 Datasheet
4Mb / 122P
P-CHANNEL JFET
More results


Similar Description - ICL7101

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT119A LINER-LT119A_12 Datasheet
193Kb / 12P
Guaranteed Maximum 0.5mV Input Offset Voltage
logo
List of Unclassifed Man...
AL924A ETC2-AL924A Datasheet
493Kb / 2P
0 - 30 Volts 0 - 10 Amp챔res
logo
Texas Instruments
ICL7135C TI1-ICL7135C_14 Datasheet
623Kb / 18P
4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
DECEMBER 1986 - REVISED SEPTEMBER 2003
logo
IK Semicon Co., Ltd
KL7107 IKSEMICON-KL7107 Datasheet
415Kb / 11P
Guaranteed Zero Reading for 0V Input on All Scales
logo
Rectron Semiconductor
1N4148DF RECTRON-1N4148DF Datasheet
329Kb / 5P
10 mA0 Volts Switching Diode
logo
Pepperl+Fuchs Inc.
PCV80-F200-R4-V15-LS221 PF-PCV80-F200-R4-V15-LS221 Datasheet
343Kb / 3P
Optical reading head
PCV100-F200-B6-V15B-6011 PF-PCV100-F200-B6-V15B-6011 Datasheet
412Kb / 3P
Optical reading head
WCS3R-LS24A PF-WCS3R-LS24A Datasheet
188Kb / 3P
Reading head
WCS3R-LS24AH PF-WCS3R-LS24AH Datasheet
188Kb / 3P
Reading head
PCV50-F200-B17-V1D PF-PCV50-F200-B17-V1D Datasheet
1Mb / 6P
Optical reading head
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com