Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9022 Datasheet (PDF) - Richtek Technology Corporation

RT9022 Datasheet PDF - Richtek Technology Corporation
Part # RT9022
Download  RT9022 Download
File Size   148.68 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Voltage, Low Quiescent, 60mA LDO Regulator

RT9022 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9022 Datasheet PDF - Richtek Technology Corporation

Part # RT9022
Download  RT9022 Click to download

File Size   148.68 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Voltage, Low Quiescent, 60mA LDO Regulator

RT9022 Datasheet (HTML) - Richtek Technology Corporation


RT9022 Product details

General Description

The RT9022 is designed for positive CCD bias applications with critical performance and space requirements. The RT9022 performance is optimized for battery-powered systems to deliver low noise and low quiescent current and with soft start function.

The RT9022 also works well with low-ESR ceramic capacitors, reducing the amount of board space necessary for power applications and consumes less than 1μA in shutdown mode.

The other features include ultra low dropout voltage, high output accuracy, and current limiting protection. The part is available in the SOT-23-6, TSOT-23-6 and SC-70-6 packages.



Features

• Low Quiescent Current (Typically 40μA)

• Wide Operating Voltage Ranges : 5V to 20V

• Ultra-Fast Transient Response

• Tight Load and Line Regulation

• Current Limiting Protection

• Thermal Shutdown Protection

• Adjustable Soft Start Time

• RoHS Compliant and 100% Lead (Pb)-Free



Applications

• DSC

• Camcorder



 




Similar Part No. - RT9022

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9020 RICHTEK-RT9020 Datasheet
192Kb / 10P
500mA, Low Dropout, Low Noise Ultra-Fast With Soft Start CMOS LDO Regulator
April 2011
RT9020-15GB RICHTEK-RT9020-15GB Datasheet
192Kb / 10P
500mA, Low Dropout, Low Noise Ultra-Fast With Soft Start CMOS LDO Regulator
April 2011
RT9020-15GU5 RICHTEK-RT9020-15GU5 Datasheet
192Kb / 10P
500mA, Low Dropout, Low Noise Ultra-Fast With Soft Start CMOS LDO Regulator
April 2011
RT9020-15PB RICHTEK-RT9020-15PB Datasheet
192Kb / 10P
500mA, Low Dropout, Low Noise Ultra-Fast With Soft Start CMOS LDO Regulator
April 2011
RT9020-15PU5 RICHTEK-RT9020-15PU5 Datasheet
192Kb / 10P
500mA, Low Dropout, Low Noise Ultra-Fast With Soft Start CMOS LDO Regulator
April 2011
More results


Similar Description - RT9022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1727 MICROCHIP-MCP1727 Datasheet
806Kb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480 Datasheet
269Kb / 5P
Low Quiescent Current LDO Voltage Regulator
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
Ultra-Low Quiescent Current LDO Voltage Regulator
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS3480CX50 TSC-TS3480CX50 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1727-ADJE MICROCHIP-MCP1727-ADJE Datasheet
705Kb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
12/08/06
logo
Texas Instruments
LM2936 TI-LM2936_15 Datasheet
1Mb / 34P
Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com