Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5305 Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP5305 Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP5305
Download  IP5305 Download
File Size   911.76 Kbytes
Page   13 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter

IP5305 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP5305 Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP5305
Download  IP5305 Click to download

File Size   911.76 Kbytes
Page   13 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter

IP5305 Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP5305 Product details

1 Features
Synchronous switching charger and synchronous
boost converter
1.2A synchronous switching charger, 1.0A
synchronous boost converter
boost converter efficiency up to 91%
Switching charger efficiency up to 93%
Integrated power-path management,
charging batteries and charging cellphones
at the same time
Charger
Adaptive charging current control, excellent
adapter compatibility
Charger voltage accuracy ±0.5%
Support 4.20V,4.30V,4.35V,4.40V batteries
Fully featured
Integrated Key ON/OFF
Integrated flashlight controller
Integrated cellphone plug-in and plug-out
detector
Supports 4/3/2/1 LEDs indicator
Low power
Smart load detector, switching to standby
mode automatically
<100 µA standby current
Ultra simplified BOM
Integrated power FET, charging/boosting
with a single inductor
Multiple protections, high reliability
Output over-current, over-voltage,
short-circuit protection
Input over-voltage, over-current, battery
over-charge, over-drain, over-current
protection
Thermal regulation and thermal shutdown,
ESD 4KV
2 Applications
Power bank, Portable Charger
Mobile Phones, Smart Phones, Handheld Devices,
3 Description
IP5305 is a highly-integrated multi-function
power management SoC. It integrates a boost
converter, a Li battery charger management system
and a battery state of charge indicate controller. It
provides a turn-key solution for power bank and
portable charger applications.
IP5305’s high integration and rich features make
the minimized component number in application. It
can effectively downsize the application and lower the
BOM cost.
IP5305 only needs a single inductor to realize
step-down and step-up.
IP5305’s synchronous step-up converter provides
1.0A output current. Its efficiency is up to 96%. It can
switch to standby mode at empty load automatically
IP5305’s synchronous switching charger provides
1.2A charging current. Its efficiency is up to 93%. It
regulates the charging current by IC temperature and
input voltage.
IP5305 has integrated a voltage based fuel gauge
algorithm, acquiring battery’s state of charge precisely.
IP5305 is available in eSOP8.




Similar Part No. - IP5305

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5305 INJOINIC-IP5305 Datasheet
1Mb / 9P
Integrated 7 protocols for fast charging protocol ICs for USB ports
IP5305 INJOINIC-IP5305 Datasheet
1,002Kb / 11P
Integrated 9 protocols for fast charging protocol ICs for USB ports
IP5305 INJOINIC-IP5305 Datasheet
976Kb / 10P
Integrated 8 protocols for fast charging protocol ICs for USB ports
IP5305 INJOINIC-IP5305 Datasheet
897Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
IP5305 INJOINIC-IP5305 Datasheet
905Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
More results


Similar Description - IP5305

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC802 SEMTECH-SC802 Datasheet
748Kb / 16P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804 SEMTECH-SC804 Datasheet
536Kb / 21P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804A SEMTECH-SC804A Datasheet
539Kb / 21P
Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
SC802 SEMTECH-SC802_08 Datasheet
639Kb / 18P
Fully Integrated Lithium-Ion Battery Charger System with Timer
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
10-A Fully-Integrated Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5168 HMSEMI-HM5168 Datasheet
1Mb / 19P
20V, 14A fully integrated synchronous boost converter
HM5902 HMSEMI-HM5902 Datasheet
3Mb / 15P
Power Bank IC with 1A Linear Charger and 1.2A Boost Converter
logo
NXP Semiconductors
MC34SB0410 NXP-MC34SB0410 Datasheet
1Mb / 54P
Fully integrated quad valve controller system on chip
Rev. 3.0, 8/2016
MC34SB0800 NXP-MC34SB0800 Datasheet
1Mb / 68P
Fully integrated octal valve controller system on chip
Rev. 3.0, 8/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com