Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2N60F Datasheet (PDF) - HUAJING MICROELECTRONICS

CS2N60F Datasheet PDF - HUAJING MICROELECTRONICS
Part # CS2N60F
Download  CS2N60F Download
File Size   448.95 Kbytes
Page   10 Pages
Manufacturer  HUAJING-MICRO [HUAJING MICROELECTRONICS]
Direct Link  http://www.crhj.com.cn
Logo HUAJING-MICRO - HUAJING MICROELECTRONICS
Description Silicon N-Channel Power MOSFET

CS2N60F Datasheet (PDF)

Go To PDF Page Download Datasheet
CS2N60F Datasheet PDF - HUAJING MICROELECTRONICS

Part # CS2N60F
Download  CS2N60F Click to download

File Size   448.95 Kbytes
Page   10 Pages
Manufacturer  HUAJING-MICRO [HUAJING MICROELECTRONICS]
Direct Link  http://www.crhj.com.cn
Logo HUAJING-MICRO - HUAJING MICROELECTRONICS
Description Silicon N-Channel Power MOSFET

CS2N60F Datasheet (HTML) - HUAJING MICROELECTRONICS


CS2N60F Product details

General Description:
CS2N60F A9H, the silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor can
be used in various power switching circuit for system
miniaturization and higher efficiency. The package form is
TO-220F, which accords with the RoHS standard..

Features:
l Fast Switching
l Low ON Resistance(Rdson≤4.5Ω)
l Low Gate Charge (Typical Data:8.5nC)
l Low Reverse transfer capacitances(Typical:5.4pF)
l 100% Single Pulse avalanche energy Test

Applications:
Power switch circuit of adaptor and charger




Similar Part No. - CS2N60F

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
CS2N100A3R THINKISEMI-CS2N100A3R Datasheet
697Kb / 1P
THINKISEMI 1000V/1200V/1500V N-Channel Power MOSFETs
CS2N100A4R THINKISEMI-CS2N100A4R Datasheet
697Kb / 1P
THINKISEMI 1000V/1200V/1500V N-Channel Power MOSFETs
logo
Infinite Electronics In...
CS2N25MF-10 L-COM-CS2N25MF-10 Datasheet
83Kb / 1P
OUTLINE DRAWING
10/4/01
CS2N25MF-12 L-COM-CS2N25MF-12 Datasheet
83Kb / 1P
OUTLINE DRAWING
10/4/01
CS2N25MF-15 L-COM-CS2N25MF-15 Datasheet
83Kb / 1P
OUTLINE DRAWING
10/4/01
More results


Similar Description - CS2N60F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3592-01L FUJI-2SK3592-01L Datasheet
255Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3613-01 FUJI-2SK3613-01 Datasheet
116Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3646-01L FUJI-2SK3646-01L Datasheet
244Kb / 4P
N-CHANNEL SILICON POWER MOSFET
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK3771-01MR FUJI-2SK3771-01MR Datasheet
99Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3776-01 FUJI-2SK3776-01 Datasheet
108Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3677-01MR FUJI-2SK3677-01MR Datasheet
114Kb / 4P
N-CHANNEL SILICON POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com