Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9267 Datasheet (PDF) - Richtek Technology Corporation

RT9267 Datasheet PDF - Richtek Technology Corporation
Part # RT9267
Download  RT9267 Download
File Size   167.55 Kbytes
Page   9 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency, Low Quiescent, Triple Output DC-DC Converter

RT9267 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9267 Datasheet PDF - Richtek Technology Corporation

Part # RT9267
Download  RT9267 Click to download

File Size   167.55 Kbytes
Page   9 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency, Low Quiescent, Triple Output DC-DC Converter

RT9267 Datasheet (HTML) - Richtek Technology Corporation


RT9267 Product details

General Description
The RT9267 is a triple output DC-DC converter IC including two adaptive PWM controllers, one low dropout regulator, and one voltage detector. RT9267 is capable of delivering hundreds of mA output current and consumes only 40μA quiescent current for the whole IC.

Features
• Two Channels of Adaptive PWM Controllers
• One Channel of Low Dropout Regulator
• One Voltage Detector
• Low Start-Up Voltage 1.0V
• Low Quiescent Current 40μA for the Whole IC
• High Switching Rate 550kHz
• Built-In 2A Switching NMOS
• Two Separated Chip Enable Control Pins
• 2% Accuracy for All Channels
• Minimized External Components
• Small TSSOP-16 Package
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• PDA
• Portable Instrument
• Wireless Equipment
• DSC
• LCD Back Bias Circuit
• RF-Tags




Similar Part No. - RT9267

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
153Kb / 12P
VFM Step-Up DC/DC Converter
RT9261-15CB RICHTEK-RT9261-15CB Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
RT9261-15CX RICHTEK-RT9261-15CX Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
RT9261-15GB RICHTEK-RT9261-15GB Datasheet
153Kb / 12P
VFM Step-Up DC/DC Converter
More results


Similar Description - RT9267

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS5T24-5D15 STMICROELECTRONICS-GS5T24-5D15 Datasheet
41Kb / 2P
5W TRIPLE OUTPUT DC-DC CONVERTER
Jun-1994
logo
List of Unclassifed Man...
FDD12-512T4 ETC-FDD12-512T4 Datasheet
142Kb / 3P
DC-DC CONVERTER 12W TRIPLE OUTPUT
logo
Mean Well Enterprises C...
TKA30 MEANWELL-TKA30 Datasheet
200Kb / 1P
25W DC-DC Triple Output Converter
logo
SynQor Worldwide Headqu...
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Mean Well Enterprises C...
TKA30 MEANWELL-TKA30_11 Datasheet
202Kb / 1P
25W DC-DC Triple Output Converter
logo
MORNSUN Science& Techno...
JY240816D-30W MORNSUN-JY240816D-30W Datasheet
225Kb / 2P
UNREGULATED,TRIPLE OUTPUT DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX20419 MAXIM-MAX20419 Datasheet
141Kb / 2P
High-Efficiency, 3-Output, Low-Voltage DC-DC Converter
MAX20419 MAXIM-MAX20419_V01 Datasheet
718Kb / 18P
High-Efficiency, 3-Output, Low-Voltage DC-DC Converter
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com