Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4C250 Datasheet (PDF) - Solid State Inc

AD4C250 Datasheet PDF - Solid State Inc
Part # AD4C250
Download  AD4C250 Download
File Size   221.52 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Two optically isolated SSRs in compact 8 pin DIP package

AD4C250 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4C250 Datasheet PDF - Solid State Inc

Part # AD4C250
Download  AD4C250 Click to download

File Size   221.52 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Two optically isolated SSRs in compact 8 pin DIP package

AD4C250 Datasheet (HTML) - Solid State Inc


AD4C250 Product details

DESCRIPTION
The AD4C250 is a bi-directional, double-pole, single-throw, normally open multipurpose solid-state relay. It is designed to replace
electromechanical relays and reed relays in special applications that call for very fast switching times. The relay consists of two integrated
circuits, each driving a pair of rugged source-to-source enhancement type DMOS transistors. Each integrated circuit is optically coupled
to a light emitting diode. The output MOS transistors are specially designed to exhibit extremely low output capacitance and leakage
current characteristics, making this device ideal for switching high frequency signals.

FEATURES
• Two optically isolated SSRs in compact 8 pin DIP package
• Fast switching speed (Ton = 50us TYP)
• Low output capacitance (3pF MAX)
• Low input control power consumption (5mA MAX)
• 40mA maximum continuous load current
• Long life/high reliability
• RoHS / Pb-Free / REACH Compliant

APPLICATIONS
• Multiplexers
• Meter reading systems
• Data Acquisition
• Medical equipment
• Battery monitoring




Similar Part No. - AD4C250

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C250 SSOUSA-AD4C250 Datasheet
166Kb / 4P
Dual 1 Form B Solid State Relay
AD4C250 SSOUSA-AD4C250_15 Datasheet
221Kb / 5P
Two optically isolated SSRs in compact 8 pin DIP package
More results


Similar Description - AD4C250

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C112 SSOUSA-AD2C112 Datasheet
334Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C331 SSOUSA-AD2C331 Datasheet
341Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C641 SSOUSA-AD2C641 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C941 SSOUSA-AD2C941 Datasheet
334Kb / 8P
Compact 4 pin DIP/SMD Package
AD4C111 SSOUSA-AD4C111_15 Datasheet
223Kb / 5P
Two discrete 1 form A Relays in compact 8 pin DIP package
AD4C250 SSOUSA-AD4C250_15 Datasheet
221Kb / 5P
Two optically isolated SSRs in compact 8 pin DIP package
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C742 SSOUSA-AD6C742 Datasheet
347Kb / 8P
Compact 6 pin DIP/SMD Package
SM8024 SSOUSA-SM8024 Datasheet
240Kb / 7P
Compact 8 pin DIP/SMD package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com