Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4C313-HS Datasheet (PDF) - Solid State Inc

AD4C313-HS Datasheet PDF - Solid State Inc
Part # AD4C313-HS
Download  AD4C313-HS Download
File Size   371.31 Kbytes
Page   9 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description 1 Form A / 1 Form B Integrated in Single Package

AD4C313-HS Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4C313-HS Datasheet PDF - Solid State Inc

Part # AD4C313-HS
Download  AD4C313-HS Click to download

File Size   371.31 Kbytes
Page   9 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description 1 Form A / 1 Form B Integrated in Single Package

AD4C313-HS Datasheet (HTML) - Solid State Inc


AD4C313-HS Product details

Description
The AD4C313 is composed of two isolated relays; one
normally open and one normally closed. Each relay has a
bi-directional, single-pole, single-throw contact. Completely
independent of its counterpart, each consists of an LED
driver that activates an integrated circuit, which in turn
drives a pair of DMOS transistors. These transistors are
protected with free-wheeling diodes that can handle up to
1.5A of inrush current, making the relay ideal for switching
lamps and highly inductive loads.
The AD4C313 comes standard in a compact 8 pin DIP
package making it ideal for high-density board applications.

Features
 1 Form A / 1 Form B Integrated in Single Package
 Low Input Control Current (2.5mA TYP)
 180mA Maximum Continuous Load Current
 Low On Resistance (15 MAX)
 High Isolation Voltage (up to 5kVRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Meter Reading Systems
 Multiplexers
 Data Acquisition
 Medical Equipment
 Battery Monitoring
 Home / Safety Security Systems




Similar Part No. - AD4C313-HS

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C313 SSOUSA-AD4C313 Datasheet
357Kb / 9P
180mA Maximum Continuous Load Current
More results


Similar Description - AD4C313-HS

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
1 Form A/1 Form B Solid State Relay
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
logo
Siemens Semiconductor G...
LH1521 SIEMENS-LH1521 Datasheet
172Kb / 13P
Dual 1 Form B
LH1501 SIEMENS-LH1501 Datasheet
69Kb / 5P
1 Form B
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
C226S COTO-C226S Datasheet
382Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213_15 Datasheet
358Kb / 9P
1 Form A / 1 Form B Integrated in 1 Package
AD4C743 SSOUSA-AD4C743 Datasheet
358Kb / 9P
1 Form A / 1 Form B Integrated in Single Package
logo
TE Connectivity Ltd
T9A_2X TEC-T9A_2X Datasheet
592Kb / 3P
30A switching in 1 Form B (NC)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com