Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD12T1G Datasheet (PDF) - TECH PUBLIC Electronics co LTD

SD12T1G Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # SD12T1G
Download  SD12T1G Download
File Size   1283.21 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Unl-directional TVS Diode

SD12T1G Datasheet (PDF)

Go To PDF Page Download Datasheet
SD12T1G Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # SD12T1G
Download  SD12T1G Click to download

File Size   1283.21 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Unl-directional TVS Diode

SD12T1G Datasheet (HTML) - TECH PUBLIC Electronics co LTD


SD12T1G Product details

Features
* 350W peak pulse power (8/20ps)
* Protects one data or power line
+ Ultra low leakage: nA level
+ Operating voltage: 12V
+ Ultra low clamping voltage
+ Complies with following standards:
— IEC 61000-4-2 (ESD) immunity test
Air discharge: +30kV
Contact discharge: +30kV
—IEC61000-4-5 (Lightning) 15A (8/20ps)
— IEC61000-4-4 (EFT) 40A (5/50ns)
+ RoHS Compliant




Similar Part No. - SD12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SD12T1G ONSEMI-SD12T1G Datasheet
91Kb / 4P
Transient Voltage Suppressor Diode
January, 2005 ??Rev. 1
logo
Sanyo Semicon Device
SD12T1G SANYO-SD12T1G Datasheet
58Kb / 4P
Transient Voltage Suppressor Diode SOD.323 Diodes for ESD Protection
logo
ON Semiconductor
SD12T1G ONSEMI-SD12T1G Datasheet
54Kb / 4P
Transient Voltage Suppressor Diode
September, 2014 ??Rev. 4
More results


Similar Description - SD12T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LTVS16H12T5G LRC-LTVS16H12T5G Datasheet
138Kb / 4P
1- Line Uni- directional TVS Diode
logo
Applied Power Microelec...
AU0371P6 APMICRO-AU0371P6 Datasheet
1,011Kb / 7P
1-Line Uni-directional TVS Diode
AU0521M1 APMICRO-AU0521M1 Datasheet
859Kb / 6P
1-Line Bi-directional TVS Diode
AU0581P1 APMICRO-AU0581P1 Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
AU0771D3 APMICRO-AU0771D3 Datasheet
767Kb / 4P
1-Line Uni-directional TVS Diode
AU0781D1F APMICRO-AU0781D1F Datasheet
429Kb / 4P
1-Line Bi-directional TVS Diode
logo
TECH PUBLIC Electronics...
PESDA8V2-1J TECHPUBLIC-PESDA8V2-1J Datasheet
1,008Kb / 4P
1-Line Unl-directional TVS Diode
SD05T1G-P TECHPUBLIC-SD05T1G-P Datasheet
1,006Kb / 4P
1-Line Unl-directional TVS Diode
TPESD05V32D-A TECHPUBLIC-TPESD05V32D-A Datasheet
953Kb / 4P
1-Line Unl-directional TVS Diode
TPESD3Z5.0T1G TECHPUBLIC-TPESD3Z5.0T1G Datasheet
960Kb / 4P
1-Line Unl-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com