Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPESD1001C6 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPESD1001C6 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPESD1001C6
Download  TPESD1001C6 Download
File Size   1253.38 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance ESD Protection Diode

TPESD1001C6 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPESD1001C6 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPESD1001C6
Download  TPESD1001C6 Click to download

File Size   1253.38 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance ESD Protection Diode

TPESD1001C6 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPESD1001C6 Product details

Features |
Ultra low leakage: nA level
Operating voltage: 16V/
Low clamping voltage
Complies with following standards:
— IEC 61000-4-2 (ESD) immunity test

Air discharge: £15kV

Contact discharge: 8KkV |
— IEC61000-4-4 (EFT) 40A (5/50ns)
RoHS Compliant




Similar Part No. - TPESD1001C6

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD1255P TECHPUBLIC-TPESD1255P Datasheet
2Mb / 4P
Low Capacitance Surge Protection for USB Interfaces
TPESD1271P TECHPUBLIC-TPESD1271P Datasheet
1Mb / 4P
1-Line Uni-directional TVS Diode
TPESD12U30AS3 TECHPUBLIC-TPESD12U30AS3 Datasheet
1Mb / 4P
2 -L ine bi -directional TVS Diode
TPESD12VA-SFYL TECHPUBLIC-TPESD12VA-SFYL Datasheet
1Mb / 4P
I-Line Bi-directional TVS Diode
TPESD1521P TECHPUBLIC-TPESD1521P Datasheet
1Mb / 4P
Bi -directional TVS Diode
More results


Similar Description - TPESD1001C6

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQR5V0USP-HF COMCHIP-CPDQR5V0USP-HF Datasheet
334Kb / 4P
Low Capacitance ESD Protection Diode
CPDU5V0USP-HF COMCHIP-CPDU5V0USP-HF Datasheet
336Kb / 4P
Low Capacitance ESD Protection Diode
CPDQR5V0SP-HF COMCHIP-CPDQR5V0SP-HF Datasheet
77Kb / 4P
Low Capacitance ESD Protection Diode
CPDQR5V0USP-HF COMCHIP-CPDQR5V0USP-HF Datasheet
334Kb / 4P
Low Capacitance ESD Protection Diode
CPDU5V0USP-HF COMCHIP-CPDU5V0USP-HF Datasheet
336Kb / 4P
Low Capacitance ESD Protection Diode
CPDQR5V0USP-HF COMCHIP-CPDQR5V0USP-HF_15 Datasheet
334Kb / 4P
Low Capacitance ESD Protection Diode
CPDU5V0USP-HF COMCHIP-CPDU5V0USP-HF_15 Datasheet
336Kb / 4P
Low Capacitance ESD Protection Diode
CPDQC5V0CSP-HF COMCHIP-CPDQC5V0CSP-HF Datasheet
105Kb / 4P
Low Capacitance ESD Protection Diode
logo
Yea Shin Technology Co....
YSESDU5V0SP-04C YEASHIN-YSESDU5V0SP-04C Datasheet
730Kb / 4P
Low Capacitance ESD Protection Diode
logo
AiT Semiconductor Inc.
PESD5V0S1BL AITSEMI-PESD5V0S1BL Datasheet
302Kb / 5P
ESD PROTECTION DIODE LOW CAPACITANCE BIDIRECTIONAL ESD PROTECTION DIODE
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com