Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1163650 Datasheet (PDF) - PHOENIX CONTACT

1163650 Datasheet PDF - PHOENIX CONTACT
Part # 1163650
Download  1163650 Download
File Size   187.04 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description BC 53,6 PLATE GY7035 - Insertion plate

1163650 Datasheet (PDF)

Go To PDF Page Download Datasheet
1163650 Datasheet PDF - PHOENIX CONTACT

Part # 1163650
Download  1163650 Click to download

File Size   187.04 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description BC 53,6 PLATE GY7035 - Insertion plate

1163650 Datasheet (HTML) - PHOENIX CONTACT


1163650 Product details

DIN rail housing for use in distribution boards in accordance with DIN 43880, Insertion plate,
width: 50.3 mm, height: 41.75 mm, depth: 1.5 mm, color: light gray (similar RAL 7035)




Similar Part No. - 1163650

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1163 ETC2-1163 Datasheet
1Mb / 16P
Drywall Punch
logo
Heyco.
1163 HEYCO-1163 Datasheet
121Kb / 1P
Original Strain Relief Bushings
logo
Adafruit Industries
1163 ADAFRUIT-1163 Datasheet
247Kb / 3P
SMT Breakout PCB for 32-QFN or 32-TQFP - 3 Pack!
10/23/2014
logo
CEE Norm UK Ltd
1163 CEENORM-1163 Datasheet
1Mb / 4P
Socket Outlets
logo
Festo Corporation.
1163037 FESTO-1163037 Datasheet
92Kb / 2P
Three-point gripper
More results


Similar Description - 1163650

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
5395254 FESTO-5395254 Datasheet
46Kb / 1P
Blind plate
7/21/22
18880 FESTO-18880 Datasheet
65Kb / 1P
End plate
7/31/22
533372 FESTO-533372 Datasheet
75Kb / 1P
End plate
7/31/22
560956 FESTO-560956 Datasheet
58Kb / 1P
Plate
8/1/2
560957 FESTO-560957 Datasheet
74Kb / 1P
Plate
8/2/22
560955 FESTO-560955 Datasheet
67Kb / 1P
Plate
8/4/22
560959 FESTO-560959 Datasheet
75Kb / 1P
Plate
8/4/22
576559 FESTO-576559 Datasheet
83Kb / 1P
End plate
8/7/22
576560 FESTO-576560 Datasheet
62Kb / 1P
End plate
8/7/22
576492 FESTO-576492 Datasheet
82Kb / 1P
Supply plate
8/8/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com