Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1252180 Datasheet (PDF) - PHOENIX CONTACT

1252180 Datasheet PDF - PHOENIX CONTACT
Part # 1252180
Download  1252180 Download
File Size   201.82 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PSTD 0,65X0,65/9-1-2,54 - Pin strip

1252180 Datasheet (PDF)

Go To PDF Page Download Datasheet
1252180 Datasheet PDF - PHOENIX CONTACT

Part # 1252180
Download  1252180 Click to download

File Size   201.82 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PSTD 0,65X0,65/9-1-2,54 - Pin strip

1252180 Datasheet (HTML) - PHOENIX CONTACT


1252180 Product details

Pin strip, color: black, nominal current: 3 A (per contact), rated voltage (III/2): 100 V, contact
connection type: Pin, number of potentials: 9, number of rows: 1, number of positions: 9, number
of connections: 9, product range: PSTD 0,65X0,65/..-1-V, pitch: 2.54 mm, mounting: THR
soldering, pin layout: Linear pinning, solder pin [P]: 6.3 mm, locking: without, type of packaging:
packed in cardboard




Similar Part No. - 1252180

ManufacturerPart #DatasheetDescription
logo
Heyco.
12521 HEYCO-12521 Datasheet
112Kb / 1P
Nylon Tapped Hex Spacers
logo
Adels-Contact
125210 ADELS-125210 Datasheet
122Kb / 2P
1000/10
logo
Huber+Suhner, Inc.
12521066 HUBERSUHNER-12521066 Datasheet
595Kb / 5P
Conecting leads
27-Oct-2023
12521067 HUBERSUHNER-12521067 Datasheet
595Kb / 5P
Conecting leads
27-Oct-2023
12521069 HUBERSUHNER-12521069 Datasheet
595Kb / 5P
Conecting leads
27-Oct-2023
More results


Similar Description - 1252180

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1012273 PHOENIX-1012273 Datasheet
315Kb / 13P
MCC 0,5/ 9-ST-2,54
1027611 PHOENIX-1027611 Datasheet
1Mb / 13P
DMCC 0,5/ 9-ST-2,54
1050127 PHOENIX-1050127 Datasheet
53Kb / 2P
Zack marker strip - ZB 5,LGS:1-9
1051126 PHOENIX-1051126 Datasheet
47Kb / 2P
Zack marker strip - ZB 6,LGS:1-9
1051168 PHOENIX-1051168 Datasheet
47Kb / 2P
Zack marker strip - ZB 6,QR:1-9
1052125 PHOENIX-1052125 Datasheet
52Kb / 2P
Zack marker strip - ZB 8,LGS:1-9
1717327 PHOENIX-1717327 Datasheet
65Kb / 4P
Pin strip - PST 1,3/ 9-H-5,0
1933257 PHOENIX-1933257 Datasheet
86Kb / 5P
Pin strip - PST 1,3/ 9-5,0
1995541 PHOENIX-1995541 Datasheet
93Kb / 4P
Pin strip - PST 1,0/ 9-3,5 R56
1706160 PHOENIX-1706160 Datasheet
45Kb / 1P
MCV 0,5/ 9-G-2,54 P20THRR56C2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com