Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3069954 Datasheet (PDF) - PHOENIX CONTACT

3069954 Datasheet PDF - PHOENIX CONTACT
Part # 3069954
Download  3069954 Download
File Size   288.57 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTPR-3/4S - Test plug

3069954 Datasheet (PDF)

Go To PDF Page Download Datasheet
3069954 Datasheet PDF - PHOENIX CONTACT

Part # 3069954
Download  3069954 Click to download

File Size   288.57 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTPR-3/4S - Test plug

3069954 Datasheet (HTML) - PHOENIX CONTACT


3069954 Product details

Test plug, With twist grip, nom. voltage: 400 V, nominal current: 20 A, number of positions: 4,
Rated cross section: 2.5 mm2, color: gray




Similar Part No. - 3069954

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3069950 PHOENIX-3069950 Datasheet
170Kb / 14P
Test plug - FTP-3/4S
09/12/2020
3069951 PHOENIX-3069951 Datasheet
170Kb / 14P
Test plug - FTP-3/10S
09/12/2020
3069952 PHOENIX-3069952 Datasheet
293Kb / 7P
FTP-3/12S - Test plug
3069953 PHOENIX-3069953 Datasheet
295Kb / 7P
FTP-3/14S - Test plug
3069955 PHOENIX-3069955 Datasheet
179Kb / 14P
Test plug - FTPR-3/10S
09/12/2020
More results


Similar Description - 3069954

ManufacturerPart #DatasheetDescription
logo
Semikron International
L6100160 SEMIKRON-L6100160 Datasheet
337Kb / 9P
EVALUATION BOARD 4S SKYPER 32
L6100161 SEMIKRON-L6100161 Datasheet
459Kb / 12P
Board 4s SKYPER 32 R
L6100261 SEMIKRON-L6100261 Datasheet
725Kb / 14P
Board 4s SKYPER 32PRO R
logo
Rosenberger Hochfrequen...
98W003-000 ROSENBERGER-98W003-000 Datasheet
96Kb / 1P
TEST LASER EV-3
logo
PHOENIX CONTACT
1108766 PHOENIX-1108766 Datasheet
241Kb / 2P
Crimping pliers - CRIMPFOX VARIO 4S
01/21/2022
logo
HY-LINE Power Component...
HY-DI-4SYP-Z1 HY-LINE-HY-DI-4SYP-Z1 Datasheet
1Mb / 12P
4S HY-Di짰 Smart Batteries
11/21
logo
PHOENIX CONTACT
3069950 PHOENIX-3069950 Datasheet
170Kb / 14P
Test plug - FTP-3/4S
09/12/2020
3069951 PHOENIX-3069951 Datasheet
170Kb / 14P
Test plug - FTP-3/10S
09/12/2020
3069955 PHOENIX-3069955 Datasheet
179Kb / 14P
Test plug - FTPR-3/10S
09/12/2020
3069957 PHOENIX-3069957 Datasheet
179Kb / 14P
Test plug - FTPR-3/14S
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com