Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS21A12 Datasheet (PDF) - CP Clare Corporation

MSS21A12 Datasheet PDF - CP Clare Corporation
Part # MSS21A12
Download  MSS21A12 Download
File Size   87.08 Kbytes
Page   6 Pages
Manufacturer  CPCLARE [CP Clare Corporation]
Direct Link  
Logo CPCLARE - CP Clare Corporation
Description DIP 14 SERIES REED RELAYS

MSS21A12 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSS21A12 Datasheet PDF - CP Clare Corporation

Part # MSS21A12
Download  MSS21A12 Click to download

File Size   87.08 Kbytes
Page   6 Pages
Manufacturer  CPCLARE [CP Clare Corporation]
Direct Link  
Logo CPCLARE - CP Clare Corporation
Description DIP 14 SERIES REED RELAYS

MSS21A12 Datasheet (HTML) - CP Clare Corporation


MSS21A12 Product details

DESCRIPTION
CP Clare’s epoxy molded DIP 14 Series offers a variety of contacts and schematics to meet the needs
of a wide range of applications. It features the MVS2/MVS7 models designed for high reliability. The
MSS2/7 DIPs are 1 form A relays equipped with the MYAD® all-position mounting switch. With switching
up to 50 Watts and a 4000V isolation option, the DIP 14 Series is a relay package that allows for
automatic insertion directly on PCBs as well as insertion into standard 14 pin DIP sockets.

FEATURES
■ All position mercury contacts on some models
■ Stable contact resistance over life
■ 4000 Vac input-output isolation
■ Bounce free operation
■ High insulation resistance
■ Switching speed of 300 Hz
■ Long life > 1 billion operations
■ Epoxy molded for automatic board processing

APPLICATIONS
■ Automatic test equipment
■ Process control
■ Industrial
■ Telecom
■ Datacom
■ High-end security systems
■ Signaling
■ Metering




Similar Part No. - MSS21A12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSS21A12 ETC1-MSS21A12 Datasheet
688Kb / 9P
DIP 14 SERIES REED RELAYS
MSS21A12A ETC1-MSS21A12A Datasheet
688Kb / 9P
DIP 14 SERIES REED RELAYS
MSS21A12B ETC1-MSS21A12B Datasheet
688Kb / 9P
DIP 14 SERIES REED RELAYS
MSS21A12C ETC1-MSS21A12C Datasheet
688Kb / 9P
DIP 14 SERIES REED RELAYS
MSS21A12S ETC1-MSS21A12S Datasheet
688Kb / 9P
DIP 14 SERIES REED RELAYS
More results


Similar Description - MSS21A12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSS71A05 ETC1-MSS71A05 Datasheet
688Kb / 9P
DIP 14 SERIES REED RELAYS
logo
RHOPOINT COMPONENTS
8001 RHOPOINT-8001 Datasheet
66Kb / 2P
DIP Reed Relays
logo
Meder Electronic
DIP05-2A72-21R MEDER-DIP05-2A72-21R Datasheet
93Kb / 1P
DIP Reed Relays
DIP12-1A31-12D MEDER-DIP12-1A31-12D Datasheet
92Kb / 1P
DIP Reed Relays
DIP12-1A75-12L MEDER-DIP12-1A75-12L Datasheet
92Kb / 1P
DIP Reed Relays
DIP12-1A75-12D MEDER-DIP12-1A75-12D Datasheet
92Kb / 1P
DIP Reed Relays
DIP12-2A72-21M MEDER-DIP12-2A72-21M Datasheet
114Kb / 1P
DIP Reed Relays
DIP24-1A72-12L MEDER-DIP24-1A72-12L Datasheet
112Kb / 1P
DIP Reed Relays
DIP24-1A75-12L MEDER-DIP24-1A75-12L Datasheet
92Kb / 1P
DIP Reed Relays
DIP24-1A75-12D MEDER-DIP24-1A75-12D Datasheet
92Kb / 1P
DIP Reed Relays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com