Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP2866B Datasheet (PDF) - Bright Power Semiconductor Co., Ltd.

BP2866B Datasheet PDF - Bright Power Semiconductor Co., Ltd.
Part # BP2866B
Download  BP2866B Download
File Size   226.6 Kbytes
Page   2 Pages
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.
Description Non-isolated Buck Offline LED Driver

BP2866B Datasheet (PDF)

Go To PDF Page Download Datasheet
BP2866B Datasheet PDF - Bright Power Semiconductor Co., Ltd.

Part # BP2866B
Download  BP2866B Click to download

File Size   226.6 Kbytes
Page   2 Pages
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.
Description Non-isolated Buck Offline LED Driver

BP2866B Datasheet (HTML) - Bright Power Semiconductor Co., Ltd.


BP2866B Product details

Description
The BP2866B is a high precision buck constant
current LED driver. The device operates in critical
conduction mode and is suitable for 85Vac~265Vac
universal input offline LED lighting.
The BP2866B integrates a 500V power MOSFET,
with patented demagnetization detection technology.
High - voltage JFET power supply technology,
which can save VCC capacitor and starting resistors,
minimize the system cost and size.
The BP2866B utilizes patent pending current control
method. It can achieve precise output current and
excellent line regulation. The driver operates in
critical conduction mode, the output current does not
change with the inductance and LED output voltage.
The BP2866B offers rich protection functions to
improve the system reliability, including LED short
circuit protection, VCC under voltage protection,
thermal regulation function

Features
No VCC Capacitor Or Starting Resistance
Integrated High Voltage Power Supply Function
No Auxiliary Winding
Universal Input Voltage
±5% LED Output Current Accuracy
LED Short Protection
Input Low Voltage Protection
Thermal Regulation Function
Available in SOP7 Package

Applications
LED Candle Light
LED Bulb
Other LED Lighting




Similar Part No. - BP2866B

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
BP2866 LEIDITECH-BP2866 Datasheet
1Mb / 7P
Non-isolated step-down LED constant current driver chip
logo
Bright Power Semiconduc...
BP2866A BPS-BP2866A Datasheet
226Kb / 2P
Non-isolated Buck Offline LED Driver
Rev.1.0
BP2866XJ BPS-BP2866XJ Datasheet
242Kb / 2P
Non-isolated Buck Offline LED Driver
More results


Similar Description - BP2866B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9442P WINSEMI-WS9442P Datasheet
852Kb / 9P
Non-isolated Buck Offline LED Driver
logo
Unisonic Technologies
USL3533K UTC-USL3533K Datasheet
199Kb / 6P
NON-ISOLATED BUCK OFFLINE LED DRIVER
logo
Bright Power Semiconduc...
BP2836D BPS-BP2836D Datasheet
196Kb / 2P
Non-isolated Buck Offline LED Driver
BP9911CB BPS-BP9911CB Datasheet
252Kb / 2P
Non-isolated Buck Offline LED Driver
BP9916C BPS-BP9916C Datasheet
217Kb / 2P
Non-isolated Buck Offline LED Driver
BP9918C BPS-BP9918C Datasheet
216Kb / 2P
Non-isolated Buck Offline LED Driver
BP2857D BPS-BP2857D Datasheet
272Kb / 2P
Non-isolated Buck Offline LED Driver
BP2866XJ BPS-BP2866XJ Datasheet
242Kb / 2P
Non-isolated Buck Offline LED Driver
BP2833A BPS-BP2833A Datasheet
423Kb / 8P
Non-isolated Buck Offline LED Driver
BP9916B BPS-BP9916B Datasheet
413Kb / 8P
Non-isolated Buck Offline LED Driver
Rev.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com