Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC244 Datasheet (PDF) - Silicon Supplies

54AC244 Datasheet PDF - Silicon Supplies
Part # 54AC244_V01
Download  54AC244 Download
File Size   316.86 Kbytes
Page   6 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Advanced CMOS Logic

54AC244 Datasheet (PDF)

Go To PDF Page Download Datasheet
54AC244 Datasheet PDF - Silicon Supplies

Part # 54AC244_V01
Download  54AC244 Click to download

File Size   316.86 Kbytes
Page   6 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Advanced CMOS Logic

54AC244 Datasheet (HTML) - Silicon Supplies


54AC244 Product details

Features:
Outputs Source/Sink 24mA
Low input current: 1μA
3-State outputs
Outputs directly interface CMOS, NMOS and TTL
Operating voltage range: 2.0V to 6.0V
Lower power consumption & higher speed
Function compatible with 54HC244
Full military temperature range.




Similar Part No. - 54AC244_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC244-N TI1-54AC244-N Datasheet
275Kb / 10P
54AC244/54ACT244 Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244-N TI1-54AC244-N Datasheet
116Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244-N TI1-54AC244-N_13 Datasheet
116Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
logo
National Semiconductor ...
54AC244D NSC-54AC244D Datasheet
136Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244DMQB NSC-54AC244DMQB Datasheet
83Kb / 10P
Octal Buffers/Line Drivers With 3-State Outputs
More results


Similar Description - 54AC244_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74AC244 SS-74AC244 Datasheet
449Kb / 6P
Advanced CMOS Logic
54ACT08 SS-54ACT08 Datasheet
287Kb / 5P
Advanced CMOS Logic
74ACT08 SS-74ACT08 Datasheet
286Kb / 5P
Advanced CMOS Logic
54AC00 SS-54AC00 Datasheet
435Kb / 5P
Advanced CMOS Logic
54AC240 SS-54AC240 Datasheet
754Kb / 6P
Advanced CMOS Logic
74AC00 SS-74AC00 Datasheet
433Kb / 5P
Advanced CMOS Logic
74AC573 SS-74AC573 Datasheet
1Mb / 7P
Advanced CMOS Logic
54AC273 SS-54AC273 Datasheet
456Kb / 7P
Advanced CMOS Logic
Rev 1.0 07/12/2021
74AC240 SS-74AC240_V01 Datasheet
412Kb / 6P
Advanced CMOS Logic
Rev 1.1 30/11/21
74AC273 SS-74AC273 Datasheet
455Kb / 7P
Advanced CMOS Logic
Rev 1.0 07/12/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com