Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9701B Datasheet (PDF) - Richtek Technology Corporation

RT9701B Datasheet PDF - Richtek Technology Corporation
Part # RT9701B
Download  RT9701B Download
File Size   269.27 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 100m廓 Power Distribution Switches

RT9701B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9701B Datasheet PDF - Richtek Technology Corporation

Part # RT9701B
Download  RT9701B Click to download

File Size   269.27 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 100m廓 Power Distribution Switches

RT9701B Datasheet (HTML) - Richtek Technology Corporation


RT9701B Product details

General Description
The RT9701B is an integrated 100mΩ power switch for self-powered and bus-powered Universal Series Bus (USB) applications. A built-in charge pump is used to drive the N-Channel MOSFET that is free of parasitic body diode to eliminate any reversed current flow across the switch when it is powered off. Its low quiescent current (23μA) and small package (SOT-23-5) is particularly suitable in battery-powered portable equipment.

Features
● 100mΩ Typ. High-Side NMOSFET
● Guaranteed 1.1A Continuous Current
● 1.5A Current Limit
● Small SOT-23-5 Package Minimizes Board Space
● Soft Start
● Thermal Protection
● Low 23μA Supply Current
● Wide Input Voltage Range : 3.5V to 6V
● UL Approved - #E219878
● RoHS Compliant and 100% Lead (Pb)-Free

Applications
● Battery-Powered Equipment
● Motherboard USB Power Switch
● USB Device Power Switch
● Hot-Plug Power Supplies
● Battery-Charger Circuits




Similar Part No. - RT9701B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9701B RICHTEK-RT9701B_11 Datasheet
272Kb / 11P
100m廓 Power Distribution Switches
More results


Similar Description - RT9701B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701 Datasheet
306Kb / 12P
100m POWER DISTRIBUTION SWITCHES
RT9701 RICHTEK-RT9701_07 Datasheet
285Kb / 10P
100m廓 Power Distribution Switches
logo
Unisonic Technologies
US202 UTC-US202 Datasheet
210Kb / 7P
100m??POWER DISTRIBUTION SWITCHES
US202 UTC-US202_11 Datasheet
207Kb / 6P
100m廓 POWER DISTRIBUTION SWITCHES
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701_11 Datasheet
287Kb / 10P
100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B_11 Datasheet
272Kb / 11P
100m廓 Power Distribution Switches
logo
Unisonic Technologies
US202 UTC-US202_18 Datasheet
208Kb / 5P
100m POWER DISTRIBUTION SWITCHES
logo
Shenzhen Huazhimei Semi...
HM9701A HMSEMI-HM9701A Datasheet
382Kb / 4P
150m廓 Power Distribution Switches
HM9708 HMSEMI-HM9708 Datasheet
525Kb / 9P
200m廓 Power Distribution Switches
logo
AiT Semiconductor Inc.
A4770 AITSEMI-A4770 Datasheet
588Kb / 6P
POWER SWITCH 100m廓 POWER DISTRIBUTION SWITCHES
REV2.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com