Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9801A Datasheet (PDF) - Richtek Technology Corporation

RT9801A Datasheet PDF - Richtek Technology Corporation
Part # RT9801A
Download  RT9801A Download
File Size   127.27 Kbytes
Page   9 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description User Programmable Micro-Power Voltage Detectors

RT9801A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9801A Datasheet PDF - Richtek Technology Corporation

Part # RT9801A
Download  RT9801A Click to download

File Size   127.27 Kbytes
Page   9 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description User Programmable Micro-Power Voltage Detectors

RT9801A Datasheet (HTML) - Richtek Technology Corporation


RT9801A Product details

General Description

The RT9801A/B is a micro-power voltage detector supervising the power supply voltage level for

microprocessors (μP) or digital systems. It provides user programmable threshold levels with 0.1V step ranging from 1.5V to 5V, which covers most digital applications. It features low supply current of 3μA. Selection of VTHis easily achieved through 3 pins connected to GND, VDD or floating for different threshold voltage settings. Two versions of threshold voltages, 1.5V to 4V and 2.5V to 5V, which are programmed in factory are offered by customer demands.



Features

User Programmable Threshold 1.5V to 5V in 0.1V Step with ±3% Accuracy

Low Supply Current 3μA

Quick Reset within 20μs

Built-in Recovery Delay 200ms

Low Functional Supply Voltage 0.9V

Small SOT-23-6 Package

RoHS Compliant and 100% Lead (Pb)-Free



Applications

Computers

Controllers

Intelligent Instruments

Critical μP and μC Power Monitoring

Portable/Battery-Powered Equipment




Similar Part No. - RT9801A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9801A RICHTEK-RT9801A Datasheet
130Kb / 9P
User Programmable Micro-Power Voltage Detectors
RT9801ACE RICHTEK-RT9801ACE Datasheet
136Kb / 6P
USER PROGRAMMABLE MICRO POWER VOLTAGE DETECTORS
RT9801AGE RICHTEK-RT9801AGE Datasheet
130Kb / 9P
User Programmable Micro-Power Voltage Detectors
RT9801APE RICHTEK-RT9801APE Datasheet
130Kb / 9P
User Programmable Micro-Power Voltage Detectors
RT9801A RICHTEK-RT9801A_11 Datasheet
130Kb / 9P
User Programmable Micro-Power Voltage Detectors
More results


Similar Description - RT9801A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9808 ETC-RT9808 Datasheet
200Kb / 12P
MICRO POWER VOLTAGE DETECTORS
logo
Richtek Technology Corp...
RT9801 RICHTEK-RT9801 Datasheet
136Kb / 6P
USER PROGRAMMABLE MICRO POWER VOLTAGE DETECTORS
RT9802 RICHTEK-RT9802 Datasheet
80Kb / 5P
User Programmable Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818 Datasheet
159Kb / 14P
Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819 Datasheet
124Kb / 12P
Micro-Power Voltage Detectors
RT9802 RICHTEK-RT9802_11 Datasheet
83Kb / 5P
User Programmable Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_11 Datasheet
152Kb / 12P
Micro-Power Voltage Detectors
RT9801A RICHTEK-RT9801A_11 Datasheet
130Kb / 9P
User Programmable Micro-Power Voltage Detectors
RT9816 RICHTEK-RT9816_13 Datasheet
175Kb / 10P
Micro-Power Voltage Detectors
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
Micro-Power Voltage Detectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com