Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4C741 Datasheet (PDF) - Solid State Inc

AD4C741 Datasheet PDF - Solid State Inc
Part # AD4C741
Download  AD4C741 Download
File Size   311.59 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low On Resistance (170mTYP)

AD4C741 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4C741 Datasheet PDF - Solid State Inc

Part # AD4C741
Download  AD4C741 Click to download

File Size   311.59 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low On Resistance (170mTYP)

AD4C741 Datasheet (HTML) - Solid State Inc


AD4C741 Product details

Description
The AD4C741 is composed of two distinct 1 Form A
(normally open) relays in one compact 8 pin DIP package.
It is designed to replace electro-mechanical relays in
general purpose switching applications. Each relay consists
of an AlGaAs LED optically coupled to a Photo Diode
Array, driving a pair of rugged source-to-source
enhancement type DMOS transistors. The output MOS
transistors have extremely low on resistance making the
relays ideal where minimal signal attenuation is desired.
The AD4C741 comes standard in a compact 8 pin DIP
package making it ideal for high-density board applications.

Applications
 Reed Relay Replacement
 Meter Reading Systems
 Data Acquisition
 Medical Equipment
 Battery Monitoring
 Safety Systems

Features
 Low On Resistance (170m TYP)
 Low Input Control Current (2.5mA TYP)
 1A Maximum Continuous Load Current (Per Channel)
 High Isolation Voltage (up to 5kVRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant




Similar Part No. - AD4C741

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C741 SSOUSA-AD4C741 Datasheet
299Kb / 8P
Low On Resistance (170m TYP)
More results


Similar Description - AD4C741

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
Low On-resistance
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP2430GN3-HF A-POWER-AP2430GN3-HF_14 Datasheet
96Kb / 4P
Low On-resistance
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
Low On-resistance
AP4228GM-HF A-POWER-AP4228GM-HF_14 Datasheet
204Kb / 5P
Low On-resistance
AP9579GJ-HF A-POWER-AP9579GJ-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
Low On-Resistance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com